Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 22Page - Advanced Micro Devices SC3200 Datasheet HTML 23Page - Advanced Micro Devices SC3200 Datasheet HTML 24Page - Advanced Micro Devices SC3200 Datasheet HTML 25Page - Advanced Micro Devices SC3200 Datasheet HTML 26Page - Advanced Micro Devices SC3200 Datasheet HTML 27Page - Advanced Micro Devices SC3200 Datasheet HTML 28Page - Advanced Micro Devices SC3200 Datasheet HTML 29Page - Advanced Micro Devices SC3200 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 447 page
background image
26
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
Figure 3-1.
Signal Groups (Continued)
The remaining subsections of this chapter describe:
• Section 3.1 "Ball Assignments": Provides a ball assign-
ment diagram and tables listing the signals sorted
according to ball number and alphabetically by signal
name.
• Section 3.2 "Strap Options": Several balls are read at
power-up that set up the state of the SC3200. This
section provides details regarding those balls.
• Section 3.3 "Multiplexing Configuration": Lists multi-
plexing options and their configurations.
• Section 3.4 "Signal Descriptions": Detailed descriptions
of each signal according to functional group.
Serial Ports
SIN1
SOUT1+CLKSEL1
GPIO7+RTS2#+IDE_DACK1#+SDTEST0
GPIO8+CTS2#+IDE_DREQ1+SDTEST4
GPIO6+DTR2#/BOUT2+IDE_IOR1#+SDTEST5
AC97 Audio
BIT_CLK
SDATA_OUT+TFT_PRSNT
SDATA_IN
SDATA_IN2
SYNC+CLKSEL3
AC97_CLK
AC97_RST#
GPIO16+PC_BEEP
Power
CLK32
GPWIO[2:0]
LED#
ONCTL#
PWRBTN#
PWRCNT[1:2]
THRM#
TCK
TDI
TDO
TMS
TRST#
JTAG
TEST1+PLL6B
TEST0+PLL2B
GXCLK+FP_VDD_ON+TEST3
TEST2+PLL5B
GTEST
Test and
TDP, TDN
GPIO11+RI2#+IRQ15
GPIO18+DTR1#/BOUT1
GPIO9+DCD2#+IDE_IOW1#+SDTEST2
GPIO10+DSR2#+IDE_IORDY1+SDTEST1
IR Port
IRRX1+SIN3
IRTX+SOUT3
PCICLK
INTA#, INTB#
FRAME#
LOCK#
PERR#
SERR#
REQ[1:0]#
GNT0#+DID0
POWER_EN
OVER_CUR#
DPOS_PORT1
DNEG_PORT1
DPOS_PORT2
DNEG_PORT2
DPOS_PORT3
DNEG_PORT3
USB
A[23:0]/AD[23:0]
D[11:8]/C/BE[3:0]#
BHE#/DEVSEL#
GPIO1+IOCS1+TFTD12
ROMCS#/BOOT16
GPIO20+DOCCS#+TFTD0
RD#+CLKSEL0
WR#
Sub-ISA/PCI Bus
GPIO14+DOCR#+IOR#
GPIO15+DOCW#+IOW#
SOUT2+CLKSEL2
D[7:0]/AD[31:24]
D12/PAR
D13/TRDY#
D14/IRDY#
D15/STOP#
SIN2+SDTEST3
GPIO0+TRDE#
GPIO19+INTC#+IOCHRDY
GPIO17+TFTDCK+IOCS0#
GPIO32+LAD0
GPIO33+LAD1
GPIO34+LAD2
GPIO35+LAD3
GPIO36+LDRQ#
GPIO37+LFRAME#
GPIO38+IRRX2+LPCPD
GPIO39+SERIRQ
GPIO/LPC Bus
PCICLK0+FPCI_MON
PCICLK1+LPC_ROM
GNT1#+DID1
Interface
(UARTs)/IDE
Interface
Interface
Interface
Management
Interface
Interface
Measurement
Interface
Interface
Interface
AMD Geode™
SC3200
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com