Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 82Page - Advanced Micro Devices SC3200 Datasheet HTML 83Page - Advanced Micro Devices SC3200 Datasheet HTML 84Page - Advanced Micro Devices SC3200 Datasheet HTML 85Page - Advanced Micro Devices SC3200 Datasheet HTML 86Page - Advanced Micro Devices SC3200 Datasheet HTML 87Page - Advanced Micro Devices SC3200 Datasheet HTML 88Page - Advanced Micro Devices SC3200 Datasheet HTML 89Page - Advanced Micro Devices SC3200 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 447 page
background image
86
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
3.4.20
Power, Ground and No Connections1
Signal Name
Ball No.
Type
Description
EBGA
TEPBGA
AVSSPLL2
R3
C16
GND
Analog PLL2 Ground Connection.
AVSSPLL3
E28
AK3
GND
Analog PLL3 Ground Connection.
VPLL2
R1
A17
PWR
3.3V PLL2 Analog Power Connection. Low noise
power for PLL2 and PLL5.
VPLL3
C31
AJ4
PWR
3.3V PLL3 Analog Power Connection. Low noise
power for PLL3, PLL4, and PLL6.
AVCCUSB
AF4
D27
PWR
3.3V Analog USB Power Connection. Low noise
power.
AVSSUSB
AG1
C27
GND
Analog USB Ground Connection.
VBAT
D30
AL3
PWR
Battery. Provides battery back-up to the RTC and
ACPI registers, when VSB is lower than the minimum
value (see Table 9-3 on page 370). The ball is con-
nected to the internal logic through a series resistor for
UL protection. If battery backup is not desired, connect
VBAT to VSS.
VSB
F29
AL5
PWR
3.3V Standby Power Supply. Provides power to the
Real-Time Clock (RTC) and ACPI circuitry while the
main power supply is turned off.
VSBL
H28
AL6
PWR
1.8V Standby Power Supply. Provides power to the
internal logic while the main power supply is turned off.
This signal requires a 0.1
µF bypass capacitor to V
SS.
This supply must be present when VSB is present.
VCORE
SeeTable 3-3
on page 38.
(Total of 26)
See Table 3-5
on page 54.
(Total of 29)
PWR
1.8V Core Processor Power Connections.
VIO
See Table 3-3
on page 38.
(Total of 35)
See Table 3-5
on page 54.
(Total of 46)
PWR
3.3V I/O Power Connections.
VSS
See Table 3-3
on page 38.
(Total of 61)
See Table 3-5
on page 54.
(Total of 96)
GND
Ground Connections.
NC
See Table 3-3
on page 38.
(Total of 13)
See Table 3-5
on page 54.
(Total of 13)
---
No Connections. These lines should be left discon-
nected. Connecting a pull-up/-down resistor or to an
active signal could cause unexpected results and pos-
sible malfunctions.
1.
All power sources except VBAT must be connected, even if the function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com