Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 54Page - Advanced Micro Devices SC3200 Datasheet HTML 55Page - Advanced Micro Devices SC3200 Datasheet HTML 56Page - Advanced Micro Devices SC3200 Datasheet HTML 57Page - Advanced Micro Devices SC3200 Datasheet HTML 58Page - Advanced Micro Devices SC3200 Datasheet HTML 59Page - Advanced Micro Devices SC3200 Datasheet HTML 60Page - Advanced Micro Devices SC3200 Datasheet HTML 61Page - Advanced Micro Devices SC3200 Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 447 page
background image
58
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
3.2
Strap Options
Several balls are read at power-up that set up the state of
the SC3200. These balls are typically multiplexed with
other functions that are outputs after the power-up
sequence is complete. The SC3200 must read the state of
the balls at power-up and the internal PU or PD resistors
do not guarantee the correct state will be read. Therefore, it
is required that an external PU or PD resistor with a value
of 1.5 K
Ω be placed on the balls listed in Table 3-6. The
value of the resistor is important to ensure that the proper
state is read during the power-up sequence. If the ball is
not read correctly at power-up, the SC3200 may default to
a state that causes it to function improperly, possibly result-
ing in application failure.
Table 3-6. Strap Options
Strap
Option
Muxed With
Ball No.
Nominal
Internal
PU or PD
External PU/PD Strap Settings
Register References
EBGA
TEPBGA
Strap = 0 (PD)
Strap = 1 (PU)
CLKSEL0
RD#
F3
B8
PD100
See Table 4-7 on page 101 for
CLKSEL strap options.
GCB+I/O Offset 1Eh[9:8] (aka
CCFC register bits [9:8]) (RO):
Value programmed at reset by
CLKSEL[1:0].
GCB+I/O Offset 10h[3:0] (aka
MCCM register bits [3:0]) (RO):
Value programmed at reset by
CLKSEL[3:0].
GCB+I/O Offset 1Eh[3:0] (aka
CCFC register bits [3:0]) (R/W,
but write not recommended):
Value programmed at reset by
CLKSEL[3:0].
Note: Values for GCB+I/O Off-
set 10h[3:0] and 1Eh[3:0] are not
the same.
CLKSEL1
SOUT1
B27
AF3
PD100
CLKSEL2
SOUT2
AK3
D29
PD100
CLKSEL3
SYNC
AL13
P30
PD100
BOOT16
ROMCS#
G4
C8
PD100
Enable boot
from 8-bit ROM
Enable boot
from 16-bit
ROM
GCB+I/O Offset 34h[3] (aka MCR
register bit 3) (RO): Reads back
strap setting.
GCB+I/O Offset 34h[14] (R/W):
Used to allow the ROMCS# width
to be changed under program
control.
TFT_PRSNT
SDATA_OU
T
AK13
P29
PD100
TFT not muxed
onto Parallel
Port
TFT muxed
onto Parallel
Port
GCB+I/O Offset 30h[23] (aka
PMR register bit 23) (R/W):
Reads back strap setting.
LPC_ROM
PCICLK1
E4
D6
PD100
Disable boot
from ROM on
LPC bus
Enable boot
from ROM on
LPC bus
F0BAR1+I/O Offset 10h[15] (R/
W): Reads back strap setting and
allows LPC ROM to be changed
under program control.
FPCI_MON
PCICLK0
D3
A4
PD100
Disable Fast-
PCI, INTR_O,
and SMI_O
monitoring sig-
nals.
Enable Fast-
PCI, INTR_O,
and SMI_O
monitoring sig-
nals. (Useful
during debug.)
GCB+I/O Offset 34h[30] (aka
MCR register bit 30) (RO): Reads
back strap setting.
Note:
For normal operation,
strap
this
signal
low
using a 1.5 K
Ω resistor.
DID0
GNT0#
D4
C5
PD100
Defines the system-level chip ID.
GCB+I/O Offset 34h[31,29] (aka
MCR register bits 31 and 29)
(RO): Reads back strap setting.
Note:
GNT0# must have a PU
resistor of 1.5 K
Ω and
GNT1# must have a PU
resistor of 1.5 K
Ω.
DID1
GNT1#
D2
C6
PD100
Note:
Accuracy of internal PU/PD resistors: 80K to 250K.
Location of the GCB (General Configuration Block) cannot be determined by software. See the AMD Geode™ SC3200 Speci-
fication Update document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com