Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 96Page - Advanced Micro Devices SC3200 Datasheet HTML 97Page - Advanced Micro Devices SC3200 Datasheet HTML 98Page - Advanced Micro Devices SC3200 Datasheet HTML 99Page - Advanced Micro Devices SC3200 Datasheet HTML 100Page - Advanced Micro Devices SC3200 Datasheet HTML 101Page - Advanced Micro Devices SC3200 Datasheet HTML 102Page - Advanced Micro Devices SC3200 Datasheet HTML 103Page - Advanced Micro Devices SC3200 Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 447 page
background image
100
AMD Geode™ SC3200 Processor Data Book
General Configuration Block
Revision 5.1
4.5.1
27 MHz Crystal Oscillator
The internal oscillator employs an external crystal con-
nected to the on-chip amplifier. The on-chip amplifier is
accessible on the X27I input and X27O output signals. See
Figure 4-3 for the recommended external circuit and Table
4-5 for a list of the circuit components.
Choose C1 and C2 capacitors to match the crystal’s load
capacitance. The load capacitance CL “seen” by crystal Y
is comprised of C1 in series with C2 and in parallel with the
parasitic capacitance of the circuit. The parasitic capaci-
tance is caused by the chip package, board layout and
socket (if any), and can vary from 0 to 10 pF. The rule of
thumb in choosing these capacitors is:
CL = (C1 * C2) / (C1 + C2) + CPARASITIC
Example 1:
Crystal CL = 10 pF, CPARASITIC = 8.2 pF
C1 = 3.6 pF, C2 = 3.6 pF
Example 2:
Crystal CL = 20 pF, CPARASITIC = 8 pF
C1 = 24 pF, C2 = 24 pF
Figure 4-3. Recommended Oscillator External
Circuitry
Internal
External
R2
X27I
X27O
C1
C2
R1
Y
To other
modules
Table 4-5. Crystal Oscillator Circuit Components
Component
Parameters
Values
Tolerance
Crystal
Resonance Frequency
27.00 MHz Parallel mode
50 PPM or better
Type
AT-cut or BT-cut
Serial Resistance
40
Ω
Max
Shunt Capacitance
7 pF
Max
Load Capacitance, CL
10-20 pF
Temperature Coefficient
User-defined
Resistor R1
Resistance
20 M
Ω
5%
Resistor R2
1
Resistance
100
Ω
5%
Capacitor C1
1
Capacitance
3-24 pF
5%
Capacitor C2
1
Capacitance
3-24 pF
5%
1.
The value of these components is recommended. It should be tuned according to crystal and board parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com