Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 23Page - Advanced Micro Devices SC3200 Datasheet HTML 24Page - Advanced Micro Devices SC3200 Datasheet HTML 25Page - Advanced Micro Devices SC3200 Datasheet HTML 26Page - Advanced Micro Devices SC3200 Datasheet HTML 27Page - Advanced Micro Devices SC3200 Datasheet HTML 28Page - Advanced Micro Devices SC3200 Datasheet HTML 29Page - Advanced Micro Devices SC3200 Datasheet HTML 30Page - Advanced Micro Devices SC3200 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
27
Signal Definitions
Revision 5.1
3.1
Ball Assignments
The SC3200 is highly configurable as illustrated in Figure
3-1 on page 25. Strap options and register programming
are used to set various modes of operation and specific
signals on specific balls. This section describes which sig-
nals are available on which balls and provides configuration
information:
• Figure 3-2 on page 28 and Figure 3-3 on page 42: Illus-
trations of EBGA and TEPBGA ball assignments.
• Table 3-2 on page 29 and Table 3-4 on page 43: Lists
signals according to ball number. Power Rail, Signal
Type, Buffer Type and, where relevant, Pull-Up or Pull-
Down resistors are indicated for each ball in this table.
For multiplexed balls, the necessary configuration for
each signal is listed as well.
• Table 3-3 on page 38 and Table 3-5 on page 54: Quick
reference signal list sorted alphabetically - listing all
signal names and ball numbers.The tables in this
chapter use several common abbreviations. Table 3-1
lists the mnemonics and their meanings
Notes:
1)
For each GPIO signal, there is an optional pull-up
resistor on the relevant ball. After system reset, the
pull-up is present.
This pull-up resistor can be disabled via registers in
the Core Logic module. The configuration is without
regard to the selected ball function (except for
GPIO12, GPIO13, and GPIO16). Alternate functions
for GPIO12, GPIO13, and GPIO16 control pull-up
resistors.
For more information, see Section 6.4.1 "Bridge,
GPIO, and LPC Registers - Function 0" on page 206.
2)
Configuration settings listed in this table are with
regard to the Pin Multiplexing Register (PMR). See
Section 4.2 "Multiplexing, Interrupt Selection, and
Base Address Registers" on page 88 for a detailed
description of this register.
Table 3-1. Signal Definitions Legend
Mnemonic
Definition
A
Analog
AVSS
Ground ball: Analog
AVCC
Power ball: Analog
GCB
General Configuration Block registers.
Refer to Section 4.0 "General Configura-
tion Block" on page 87.
Location of the General Configuration
Block cannot be determined by software.
See the AMD Geode™ SC3200 Specifi-
cation Update document.
I
Input ball
I/O
Bidirectional ball
MCR[x]
Miscellaneous Configuration Register
Bit x: A register, located in the GCB.
Refer to Section 4.1 "Configuration
Block Addresses" on page 87 for further
details.
O
Output ball
OD
Open-drain
PD
Pull-down
PMR[x]
Pin Multiplexing Register Bit x: A regis-
ter, located in the GCB, used to config-
ure balls with multiple functions. Refer to
Section 4.1 "Configuration Block
Addresses" on page 87 for further
details.
PU
Pull-up
TS
TRI-STATE
VCORE
Power ball: 1.2V
VIO
Power ball: 3.3V
VSS
Ground ball
#
The # symbol in a signal name indicates
that the active or asserted state occurs
when the signal is at a low voltage level.
Otherwise, the signal is asserted when
at a high voltage level.
/
A / in a signal name indicates both func-
tions are always enabled (i.e., cycle mul-
tiplexed).
+
A + in signal name indicates the function
is available on the ball, but that either
strapping options or register program-
ming is required to select the desired
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com