Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 62Page - Advanced Micro Devices SC3200 Datasheet HTML 63Page - Advanced Micro Devices SC3200 Datasheet HTML 64Page - Advanced Micro Devices SC3200 Datasheet HTML 65Page - Advanced Micro Devices SC3200 Datasheet HTML 66Page - Advanced Micro Devices SC3200 Datasheet HTML 67Page - Advanced Micro Devices SC3200 Datasheet HTML 68Page - Advanced Micro Devices SC3200 Datasheet HTML 69Page - Advanced Micro Devices SC3200 Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 447 page
background image
66
AMD Geode™ SC3200 Processor Data Book
Signal Definitions
Revision 5.1
SDCLK3
AJ16
V29
O
SDRAM Clocks. SDRAM uses these clocks
to sample all control, address, and data lines.
To ensure that the Suspend mode functions
correctly, SDCLK3 and SDCLK1 should be
used with CS1#. SDCLK2 and SDCLK0
should be used together with CS0#.
---
SDCLK2
AL20
AA28
---
SDCLK1
AH16
W29
---
SDCLK0
AC29
AJ21
---
SDCLK_IN
AJ30
AJ27
I
SDRAM Clock Input. The SC3200 samples
the memory read data on this clock. Works in
conjunction with the SDCLK_OUT signal.
---
SDCLK_OUT
AH28
AK28
O
SDRAM Clock Output. This output is routed
back to SDCLK_IN. The board designer
should vary the length of the board trace to
control skew between SDCLK_IN and
SDCLK.
---
3.4.2
Memory Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
3.4.3
Video Port Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
VPD7
AJ6
G31
I
Video Port Data. The data is input from the
CCIR-656 video decoder.
---
VPD6
AJ7
H28
---
VPD5
AL6
H29
---
VPD4
AH8
H30
---
VPD3
AL7
H31
---
VPD2
AJ8
J28
---
VPD1
AK8
J29
---
VPD0
AH9
J30
---
VPCKIN
AH7
F31
I
Video Port Clock Input. The clock input
from the video decoder.
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com