Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 234 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 234 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 230Page - Advanced Micro Devices SC3200 Datasheet HTML 231Page - Advanced Micro Devices SC3200 Datasheet HTML 232Page - Advanced Micro Devices SC3200 Datasheet HTML 233Page - Advanced Micro Devices SC3200 Datasheet HTML 234Page - Advanced Micro Devices SC3200 Datasheet HTML 235Page - Advanced Micro Devices SC3200 Datasheet HTML 236Page - Advanced Micro Devices SC3200 Datasheet HTML 237Page - Advanced Micro Devices SC3200 Datasheet HTML 238Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 447 page
background image
234
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index BBh
RTC Index Shadow Register (RO)
Reset Value: xxh
7:0
RTC Index Shadow. The RTC Shadow register contains the last written value of the RTC Index register (I/O Port 070h).
Index BCh
Clock Stop Control Register (R/W)
Reset Value: 00h
7:4
PLL Delay. The programmed value in this field sets the delay (in milliseconds) after a break event occurs before the internal
SUSP# signal is de-asserted to the GX1 module. This delay is designed to allow the clock chip and CPU PLL to stabilize
before starting execution. This delay is only invoked if the STP_CLK bit was set.
The 4-bit field allows values from 0 to 15 ms.
0000: 0 ms
0100: 4 ms
1000: 8 ms
1100: 12 ms
0001: 1 ms
0101: 5 ms
1001: 9 ms
1101: 13 ms
0010: 2 ms
0110: 6 ms
1010: 10 ms
1110: 14 ms
0011: 3 ms
0111: 7 ms
1011: 11 ms
1111: 15 ms
3:1
Reserved. Set to 0.
0
CPU Clock Stop.
0: Normal internal SUSP#/SUSPA# handshake.
1: Full system Suspend.
Note:
This register configures the Core Logic module to support a 3V Suspend mode. Setting bit 0 causes the SUSP_3V signal to
assert after the appropriate conditions, stopping the system clocks. A delay of 0-15 ms is programmable (bits [7:4]) to allow for
a delay for the clock chip and CPU PLL to stabilize when an event Resumes the system.
A write to the CPU Suspend Command register (F0 Index AEh) with bit 0 written as:
0: Internal SUSP#/SUSPA# handshake occurs. The GX1 module is put into a low-power state, and the system clocks are not
stopped. When a break/resume event occurs, it releases the CPU halt condition.
1: Internal SUSP#/SUSPA# handshake occurs and the SUSP_3V signal is asserted, thus invoking a full system Suspend (both
GX1 module and system clocks are stopped). When a break event occurs, the SUSP_3V signal is de-asserted, the PLL delay
programmed in bits [7:4] are invoked which allows the clock chip and GX1 module PLL to stabilize before de-asserting the
internal SUSP# signal.
Index BDh-BFh
Reserved
Reset Value: 00h
Index C0h-C3h
User Defined Device 1 Base Address Register (R/W)
Reset Value: 00000000h
31:0
User Defined Device 1 Base Address. This 32-bit register supports power management (Trap and Idle timer resources)
for a PCMCIA slot or some other device in the system. The value in this register is used as the address comparator for the
device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CCh).
The Core Logic module cannot snoop addresses on the Fast-PCI bus unless it actually claims the cycle. Therefore, Traps
and Idle timers cannot support power management of devices on the Fast-PCI bus.
Index C4h-C7h
User Defined Device 2 Base Address Register (R/W)
Reset Value: 00000000h
31:0
User Defined Device 2 Base Address. This 32-bit register supports power management (Trap and Idle timer resources)
for a PCMCIA slot or some other device in the system. The value in this register is used as the address comparator for the
device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CDh).
The Core Logic module cannot snoop addresses on the Fast-PCI bus unless it actually claims the cycle. Therefore, Traps
and Idle timers cannot support power management of devices on the Fast-PCI bus.
Index C8h-CBh
User Defined Device 3 Base Address Register (R/W)
Reset Value: 00000000h
31:0
User Defined Device 3 Base Address. This 32-bit register supports power management (Trap and Idle timer resources)
for a PCMCIA slot or some other device in the system. The value in this register is used as the address comparator for the
device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CEh).
The Core Logic module cannot snoop addresses on the Fast-PCI bus unless the it actually claims the cycle. Therefore,
Traps and Idle timers cannot support power management of devices on the Fast-PCI bus.
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com