Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 344 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 344 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 340Page - Advanced Micro Devices SC3200 Datasheet HTML 341Page - Advanced Micro Devices SC3200 Datasheet HTML 342Page - Advanced Micro Devices SC3200 Datasheet HTML 343Page - Advanced Micro Devices SC3200 Datasheet HTML 344Page - Advanced Micro Devices SC3200 Datasheet HTML 345Page - Advanced Micro Devices SC3200 Datasheet HTML 346Page - Advanced Micro Devices SC3200 Datasheet HTML 347Page - Advanced Micro Devices SC3200 Datasheet HTML 348Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 447 page
background image
344
AMD Geode™ SC3200 Processor Data Book
Video Processor Module
Revision 5.1
7.2.5
Integrated PLL
The integrated PLL can generate frequencies up to 135
MHz from a single 27 MHz source. The clock frequency is
programmable using two registers. Figure 7-14 shows the
block diagram of the Video Processor integrated PLL.
FREF is 27 MHz, generated by an external crystal and an
integrated oscillator. FOUT is calculated from:
FOUT = (m + 1) / (n+ 1) x FREF
The integrated PLL can generate any frequency by writing
into the “m” and “n” bit fields (FBAR0+Memory Offset 2Ch,
m = bits [14:8] and n = bits [3:0]). Additionally, 16 prepro-
grammed VGA frequencies can be selected via the PLL
Clock
Select
register
(F4BAR0+Memory
Offset
2Ch[19:16]), if the crystal oscillator has a frequency of 27
MHz. This PLL can be powered down via the Miscella-
neous register (F4BAR0+Memory Offset 28h[12]).
Figure 7-14. PLL Block Diagram
FREF
FOUT
n
Phase
Charge
m
VCO
Compare
Divider
Divider
Pump
Loop
Filter
Out
Divide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com