Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 351 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 351 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 347Page - Advanced Micro Devices SC3200 Datasheet HTML 348Page - Advanced Micro Devices SC3200 Datasheet HTML 349Page - Advanced Micro Devices SC3200 Datasheet HTML 350Page - Advanced Micro Devices SC3200 Datasheet HTML 351Page - Advanced Micro Devices SC3200 Datasheet HTML 352Page - Advanced Micro Devices SC3200 Datasheet HTML 353Page - Advanced Micro Devices SC3200 Datasheet HTML 354Page - Advanced Micro Devices SC3200 Datasheet HTML 355Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
351
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
0
VID_EN (Video Enable). Enables video acceleration hardware.
0: Disable (reset) video module.
1: Enable.
Offset 04h-07h
Display Configuration Register (R/W)
Reset Value: x0000000h
General configuration register for display control. This register is also used to determine how graphics and video data are to be com-
bined in the display on the output device.
31
Reserved. Write as read.
30:28
Reserved.
27
FP_ON_STATUS (Flat Panel On Status). (Read Only) Shows whether power to the attached flat panel is on or off. This bit
transitions at the end of the power-up or power-down sequence.
0: Power to the flat panel is off.
1: Power to the flat panel is on.
26
Reserved. Set to 0.
25
Reserved. Must be set to 0.
24:22
Reserved. Set to 0.
21
GV_GAMMA_SEL (Graphics or Video Gamma Source Data). Selects whether the graphics or video data goes to the
Gamma Correction RAM. GAMMA_EN (F4BAR0+Memory Offset 28h[0]) must be enabled for the selected data source to
pass through the Gamma Correction RAM.
0: Graphics data to Gamma Correction RAM.
1: Video data to Gamma Correction RAM.
Note:
Gamma Correction is always in the RGB domain for graphics data.
Gamma Correction can be in the YUV or RGB domain for video data.
20
COLOR_CHROMA_SEL (Color or Chroma Key Select). Selects whether the graphics is used for color keying or the video
data stream is used for chroma keying.
0: Graphics data is compared to the color key.
1: Video data is compared to the chroma key.
19:17
PWR_SEQ_DLY (Power Sequence Delay). Selects the number of frame periods that transpire between successive transi-
tions of the power sequence control lines.
16:14
Reserved. Write as read.
13:8
Reserved. Write as read.
7
FP_DATA_EN (Flat Panel Output Enable). Controls the data, data-enable, clock and sync output signals.
0: Flat panel data outputs are forced to zero depending on the value of bit 3 (BL_EN). Bit 6 (FP_PWR_EN) is ignored.
1: Flat panel outputs are forced to zero until power-up, and later, data outputs are subject to the value of bit 3 (BL_EN).
6
FP_PWR_EN (Flat Panel Power Enable). Changing this bit initiates a flat panel power-up or power-down.
0-to-1: Power-up flat panel.
1-to-0: Power-down flat panel.
5:4
Reserved.
3
BL_EN (Blank Enable). Controls blanking of TFT data.
0: TFT data is constantly blanked.
1: TFT data is blanked normally (i.e., during horizontal and vertical blank).
2
VSYNC_EN (Vertical Sync Enable). Enables/disables display vertical sync (used for VESA DPMS support).
0: Disable.
1: Enable.
1
HSYNC_EN (Horizontal Sync Enable). Enables/disables display horizontal sync (used for VESA DPMS support).
0: Disable.
1: Enable.
0
TFT_EN (TFT Enable). Enables the TFT control logic and is also used to reset the TFT control logic.
0: Reset TFT control logic.
1: Enable TFT control logic.
Table 7-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com