Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 30 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 22Page - Analog Devices LTM4663 Datasheet HTML 23Page - Analog Devices LTM4663 Datasheet HTML 24Page - Analog Devices LTM4663 Datasheet HTML 25Page - Analog Devices LTM4663 Datasheet HTML 26Page - Analog Devices LTM4663 Datasheet HTML 27Page - Analog Devices LTM4663 Datasheet HTML 28Page - Analog Devices LTM4663 Datasheet HTML 29Page - Analog Devices LTM4663 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LT8722
30
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
10/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
ADN8830
Thermoelectric Cooler Controller
3.0V – 5.5V Input, External MOSFETs for High Current
ADN8831
Thermoelectric Cooler Controller
3.0V – 5.5V Input, External MOSFETs for High Current
ADN8833
Ultracompact, 1A Thermoelectric Cooler (TEC) Driver for Digital
Control Systems
2.7V – 5.5V Input, Integrated MOSFETs, 2.5mm × 2.5mm WLCSP
or 24-Lead 4mm × 4mm LFCSP
ADN8834
Ultracompact, 1.5A Thermoelectric Cooler (TEC) Controller
2.7V – 5.5V Input, Integrated MOSFETs, 2.5mm × 2.5mm WLCSP
or 24-Lead 4mm × 4mm LFCSP
ADN8835
Ultracompact, 3A Thermoelectric Cooler (TEC) Controller
2.7V – 5.5V Input, Integrated MOSFETs, 36-Lead 6mm × 6mm
LFCSP
LTM4663
Ultrathin 1.5A µModule Thermoelectric Cooler (TEC) Regulator
2.7V – 5.5V Input, 3.5mm × 4mm × 1.3mm LGA Package, Very
Few External Components Required
LTC1923
High Efficiency Thermoelectric Cooler Controller
2.7V – 5.5V Input, External MOSFETs for High Current, 5mm ×
5mm QFN or 28-Lead SSOP
12V Input Voltage, ±4A, –11V to 12V Output, 1.5MHz TEC Driver
VIN
VIN
SCK
MOSI
MISO
LDR
BST
SW
SFB
AOUT
CS
VCC
SWEN
VDDIO
EN
SYNC
GND
LT8722
SPI CONTROL
FROM C
8722 TA02
TEC LOAD
+
–
TO ADC
VOUT
0.1 F
1 F
0.1 F
1 H
150nF
1 F
VIN
12V
VDDIO
3.3V
0603
0.1 F
0402
4.7 F
0402
0.1 F
0603
4.7 F
20k
VDDIO
OPEN-DRAIN SWEN
CONTROL FROM C
fSW = 1.5MHz
L: XGL4020-102MEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com