Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 22Page - Analog Devices LTM4663 Datasheet HTML 23Page - Analog Devices LTM4663 Datasheet HTML 24Page - Analog Devices LTM4663 Datasheet HTML 25Page - Analog Devices LTM4663 Datasheet HTML 26Page - Analog Devices LTM4663 Datasheet HTML 27Page - Analog Devices LTM4663 Datasheet HTML 28Page - Analog Devices LTM4663 Datasheet HTML 29Page - Analog Devices LTM4663 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LT8722
26
Rev. 0
For more information www.analog.com
SPIS_AMUX Register
This register is used to enable and disable analog monitor for internal signal monitoring.
BITS
SYMBOL
VALUE
SIGNAL
DESCRIPTION
B[3:0]
AMUX[3:0]
4b0000 VILIMP
The 9-bit internal DAC Voltage that controls the positive Output current limit
4b0001 VILIMN
The 9-bit internal DAC Voltage that controls the negative Output current limit
4b0010 V1P25 – 0.8 • VDAC
Translation of the internal 25-bit DAC voltage that controls VOUT
4b0011 V1P25 – VOUT/16
Translation of the VOUT Voltage. V1P25 can be measured on channel 4b0110
4b0100 V1P65 – IOUT/10
Translation of the IOUT Current. V1P65 can be measured on channel 4b0111
4b0101 0.6 • V2P5
Translation of the V2P5 Voltage when AMUX_TEST = 2b00 or 2b10
(6/13) • V2P5
Translation of the V2P5 Voltage when AMUX_TEST = 2b01 or 2b11
4b0110 V1P25
Translation of the V1P25 Voltage when AMUX_TEST = 2b00 or 2b10
0.8 • V1P25 + 0.2 • VCC
Translation of the V1P25 Voltage when AMUX_TEST = 2b01 or 2b11
4b0111 V1P65
Translation of the V1P65 Voltage when AMUX_TEST = 2b00 or 2b10
(2/3) • V1P65
Translation of the V1P65 Voltage when AMUX_TEST = 2b01 or 2b11
4b1000 VTEMP
Translation of the VTEMP Voltage when AMUX_TEST = 2b00 or 2b10
0.855 • VTEMP
Translation of the VTEMP Voltage when AMUX_TEST = 2b01 or 2b11
4b1001 0.9 • V2P5 – VIN/8
Translation of the VIN Input Voltage. V2P5 Can Be Measured by Using
Channel 4b0110
4b1010 0.4 • VCC
Translation of the VCC LDO Voltage when AMUX_TEST = 2b00 or 2b10
(3/7) • VCC
Translation of the VCC LDO Voltage when AMUX_TEST = 2b01 or 2b11
4b1011 0.4 • VDDIO
Translation of the VDDIO input Voltage when AMUX_TEST = 2b00 or 2b10
(4/7) • VDDIO
Translation of the VDDIO input Voltage when AMUX_TEST = 2b01 or 2b11
4b1100
(16/17) • V1P25 + VSFB/17
Translation of the VSFB voltage. V1P25 Can Be Measured by Using Channel
4b0110
4b1101
4b1110
4b1111
B[5:4]
AMUX_TEST[1:0] 2b00
Affects Gain of AMUX[3:0] Channels 4b0101, 0110, 0111, 1000, 1010, 1011
2b10
2b01
Affects Gain of AMUX[3:0] Channels 4b0101, 0110, 0111, 1000, 1010, 1011
2b11
B[6]
AOUT_EN
1b0
Analog Output Buffer Disabled
1b1
Analog Output Buffer Enabled
B[31:7]
–
–
Ignored
SPI REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com