Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 22Page - Analog Devices LTM4663 Datasheet HTML 23Page - Analog Devices LTM4663 Datasheet HTML 24Page - Analog Devices LTM4663 Datasheet HTML 25Page - Analog Devices LTM4663 Datasheet HTML 26Page - Analog Devices LTM4663 Datasheet HTML 27Page - Analog Devices LTM4663 Datasheet HTML 28Page - Analog Devices LTM4663 Datasheet HTML 29Page - Analog Devices LTM4663 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
LT8722
28
Rev. 0
For more information www.analog.com
To ensure that the LT8722 operates below the maximum
junction temperature, even at high load, careful atten-
tion must be paid to provide a lower θJA value for the
device. Typical techniques for enhancing heat dissipation
include using larger copper layers and more vias on the
printed circuit board (PCB) and possibly adding a heat
sink when needed.
The LT8722 LQFN package has a large exposed pad
(EPAD) at the bottom that must be soldered to the ana-
log ground plane on the board. Most of the device’s heat
dissipates through the EPAD. Therefore, the copper layer
connected to the EPAD as well as the vias on it must
be optimized to conduct the heat effectively. It is recom-
mended to use a large via array and distribute them evenly
on the EPAD. Generally, it is more effective to increase the
number of vias than to increase the diameter of the via
within a limited area.
LOW EMI PCB LAYOUT AND INPUT CAPACITOR
SELECTION
The LT8722 is specifically designed to minimize EMI
emissions and maximize efficiency when switching at
high frequencies. For optimal performance the LT8722
requires the use of multiple VIN bypass capacitors. Two
small ceramic 0.1µF capacitors should be placed as close
as possible to the LT8722: One of these capacitors should
be tied to VIN/GND (pins 4 and 5 respectively); a sec-
ond capacitor should be tied to VIN/GND (pins 11 and 10
respectively). Two ceramic 4.7μF capacitors should also
be used as bypass capacitors—one of these capacitors
should be placed close to pins 4 and 5 and one of these
capacitors should be placed close to pins 11 and 10. See
Figure 15 for a recommended PCB layout. For more detail
and PCB design files refer to the demo board guide for
the LT8722. Note that large, switched currents flow in the
LT8722 VIN and GND pins and the input bypass capaci-
tors. The loops formed by the input capacitors should be
as small as possible by placing the capacitors adjacent
to the VIN and GND pins on either side of the LT8722.
APPLICATIONS INFORMATION
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage rip-
ple at the LT8722 and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
Capacitors with small case size such as 0402 and 0603
are optimal due to their low parasitic inductance. It is best
to use ceramic capacitors of type X7R or X5R. Y5V types
have poor performance over temperature and applied
voltage and should not be used. The input capacitors
should be placed on the same side of the circuit board,
and their connections should be made on that layer. The
SW and BOOST nodes should be as small as possible.
To keep thermal resistance low, extend the ground plane
from GND as much as possible, and add thermal vias to
additional ground planes within the circuit board and on
the bottom side.
8722 F15
GND
GND
VIN
LDR
TEC+
TEC–
SFB
10
14
5
1
18
15
9
6
AREA OF THE HOT LOOPS (SHOWN IN RED) SHOULD BE MINIMIZED
BY PLACING THE CAPACITORS AS CLOSE TO VIN/GND PINS AS POSSIBLE.
Figure 15. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com