Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 4 Page - Analog Devices

  LTM4663 Datasheet HTML 1Page - Analog Devices LTM4663 Datasheet HTML 2Page - Analog Devices LTM4663 Datasheet HTML 3Page - Analog Devices LTM4663 Datasheet HTML 4Page - Analog Devices LTM4663 Datasheet HTML 5Page - Analog Devices LTM4663 Datasheet HTML 6Page - Analog Devices LTM4663 Datasheet HTML 7Page - Analog Devices LTM4663 Datasheet HTML 8Page - Analog Devices LTM4663 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LT8722
4
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Linear Output Stage
On-Resistance
Top MOSFET (M1)
VIN = 15V, ILDR = 1.5A
VIN = 3.1V, ILDR = 1.5A
38
40
mΩ
mΩ
Bot MOSFET (M2)
VIN = 15V, ILDR = 1.5A
VIN = 3.1V, ILDR = 1.5A
38
40
mΩ
mΩ
LDR Pin Leakage Current
VIN = 15V, LDR = 0V
13.6
µA
LDR Current Sink Limit
l
–6.7
–4.8
–4
A
LDR Current Source Limit
l
4
5.6
7.5
A
LDR Zero Voltage
SPIS_DAC = 0x0, SYS_DC[1:0] = 2b11, ITEC = 0A, ENABLE_REQ = 1
7.5
V
Linear Power Loss Limit Regulation
Regulation Power for 2W Option M1 MOSFET, Sourcing Current
2.07
W
M2 MOSFET, Sinking Current
2.225
W
Regulation Power for 3W Option M1 MOSFET, Sourcing Current
2.7
W
M2 MOSFET, Sinking Current
3.0
W
Regulation Power for 3.5W Option M1 MOSFET, Sourcing Current
3.4
W
M2 MOSFET, Sinking Current
3.8
W
PWM Output Stage
On-Resistance
M3, I = 1.5A
38
mΩ
M4, I = 1.5A
40
mΩ
SW Pin Leakage Current
VSW = 15V
–1
0
1
µA
VSW = 0V
500
µA
Min SW On-Time
Internal Clock, ISW = 4A
40
ns
Min SW Off-Time
Internal Clock, ISW = 1A
37
ns
External Clock, ISW = 1A
37
ns
M3 Source Current Limit
VC, Max
7
10
12
A
M3 Sink Current Limit
VC, Min
–8
–6
–4.5
A
M4 Sink Current Limit
VC, Min
–10.5
–8.2
–6.5
A
PWM Oscillator Frequency
Internal Frequency Accuracy
fSW = 500kHz
l
459
510
561
kHz
fSW = 3000kHz
l
2643
2936
3420
kHz
Internal Frequency Increment
fSW = 500kHz, SW_FRQ_ADJ[1:0] = 2b01
+14.8
%
fSW = 3000kHz, SW_FRQ_ADJ[1:0] = 2b01
+12.7
%
Internal Frequency Decrement
fSW = 500kHz, SW_FRQ_ADJ[1:0] = 2b10
–15.4
%
fSW = 3000kHz, SW_FRQ_ADJ[1:0] = 2b10
–13.7
%
SYNC Pin Logic Threshold
Logic High
1.6
V
Logic Low
0.45
V
SYNC Pin Leakage Current
VSYNC = 0V
l
–0.2
0
0.2
µA
VSYNC = VCC
l
0
10
30
µA
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 15V, VDDIO = 3.3V and GND = SYNC = 0V, EN = SWEN = high
unless otherwise specified. VCC has a 1μF capacitor to GND and is driven by the VCC regulator unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com