Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 3Page - Analog Devices LTM4663 Datasheet HTML 4Page - Analog Devices LTM4663 Datasheet HTML 5Page - Analog Devices LTM4663 Datasheet HTML 6Page - Analog Devices LTM4663 Datasheet HTML 7Page - Analog Devices LTM4663 Datasheet HTML 8Page - Analog Devices LTM4663 Datasheet HTML 9Page - Analog Devices LTM4663 Datasheet HTML 10Page - Analog Devices LTM4663 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LT8722
7
For more information www.analog.com
Rev. 0
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: LT8722A is specified over the –40°C to 125°C operating junction
temperature range. High Junction temperatures degrade operating
lifetimes. Note the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.
Note 4: Current flow out of LDR and into SFB is regarded as
being positive.
Note 5 : Guaranteed by design, not subject to test.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 15V, VDDIO = 3.3V and GND = SYNC = 0V, EN = SWEN = high
unless otherwise specified. VCC has a 1μF capacitor to GND and is driven by the VCC regulator unless otherwise stated.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Bus Interface and Timing Characteristics
CS, SCK, MOSI Input
High Logic Level
l
0.7•VDDIO
V
CS, SCK, MOSI Input
Low Logic Level
l
0.3•VDDIO
V
MISO Output Low Level
ISINK = 1mA, VDDIO = 3.3V, 5V
l
0.4
V
MISO Output High Level
ISOURCE = 1mA, VDDIO = 3.3V, 5V
l
VDDIO–0.4
V
SCK Clock Period
l
100
ns
SCK Pulse High Time
l
40
ns
SCK Pulse Low Time
l
40
ns
CS Falling to SCK Rising
Delay Time
l
45
ns
SCK Falling to CS Rising
Delay Time
l
45
ns
CS High Time
l
20
ns
MOSI to SCK
l
12.5
ns
MOSI to SCK
l
12.5
ns
SCK to MISO, 80pF Load
l
27.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com