Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 5Page - Analog Devices LTM4663 Datasheet HTML 6Page - Analog Devices LTM4663 Datasheet HTML 7Page - Analog Devices LTM4663 Datasheet HTML 8Page - Analog Devices LTM4663 Datasheet HTML 9Page - Analog Devices LTM4663 Datasheet HTML 10Page - Analog Devices LTM4663 Datasheet HTML 11Page - Analog Devices LTM4663 Datasheet HTML 12Page - Analog Devices LTM4663 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT8722
9
For more information www.analog.com
Rev. 0
TYPICAL PERFORMANCE CHARACTERISTICS
Electrical Efficiency in Cooling
Configuration, VIN = 15V
Electrical Efficiency in Heating
Configuration, VIN = 15V
Electrical Efficiency in Cooling
Configuration, VIN = 5.5V
Electrical Efficiency in Heating
Configuration, VIN = 5.5V
LDR Top NMOS, M1, Power Limit
LDR Bottom NMOS, M2,
Power Limit
TA = 25°C, unless otherwise noted.
fSW = 3MHz
VIN = 15V
RLOAD =2.5Ω
LOAD CURRENT (A)
0
1
2
3
4
5
20
35
50
65
80
95
Cooling Efficiency, VIN = 15V
8722 G01
fSW = 3MHz
VIN = 15V
RLOAD = 2.5Ω
LOAD CURRENT (A)
–4
–3
–2
–1
0
5
20
35
50
65
80
95
IN
8722 G02
fSW = 3MHz
VIN = 5.5V
RLOAD =1Ω
LOAD CURRENT (A)
0
1
2
3
4
5
20
35
50
65
80
95
IN
8722 G03
fSW = 3MHz
VIN = 5.5V
RLOAD = 1Ω
LOAD CURRENT (A)
–4
–3
–2
–1
0
5
20
35
50
65
80
95
IN
8722 G04
fSW = 2MHz
VIN = 15V
2W POWER LIMIT
3W POWER LIMIT
3.5W POWER LIMIT
POWER LIMIT DISABLED
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
1.0
2.0
3.0
4.0
5.0
LDR TOP NFET POWER LIMIT
8722 G05
fSW = 2MHz
VIN = 15V
2W POWER LIMIT
2W POWER LIMIT
3.5W POWER LIMIT
POWER LIMIT DISABLED
LOAD CURRENT (A)
–2.5
–2
–1.5
–1
–0.5
0
0
1.0
2.0
3.0
4.0
5.0
LDR BOTTOM NFET POWER LIMIT
8722 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com