Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 8Page - Analog Devices LTM4663 Datasheet HTML 9Page - Analog Devices LTM4663 Datasheet HTML 10Page - Analog Devices LTM4663 Datasheet HTML 11Page - Analog Devices LTM4663 Datasheet HTML 12Page - Analog Devices LTM4663 Datasheet HTML 13Page - Analog Devices LTM4663 Datasheet HTML 14Page - Analog Devices LTM4663 Datasheet HTML 15Page - Analog Devices LTM4663 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LT8722
12
Rev. 0
For more information www.analog.com
OPERATION
The LT8722 is a monolithic, fixed-frequency, current-mode,
full bridge DC/DC converter. Utilizing a hybrid drive system,
where one side of the load employs a linear drive (LDR)
while the other side of the load employs a traditional PWM
switching drive (SFB). Due to this unique architecture,
only a single inductor and output capacitor are required
to achieve traditional full bridge drive capability.
The LT8722 comes equipped with a serial peripheral inter-
face (SPI). Using the SPI, a 25-bit digital control word can
be applied to the LT8722 to achieve a desired voltage at
the converter output. Additional digital control informa-
tion can be sent and received through the SPI to achieve
the desired current limits, power limits as well as read
back device status information. Setting the switching fre-
quency of the LT8722 is also accomplished with sending
of SPI commands. Alternatively, an external clock can be
applied to the SYNC pin forcing the switching regulator
drive to operate at the externally applied clock frequency.
If the EN pin is low and the ENABLE_REQ control bit is
low, the LT8722 is shut down and draws ~15μA from the
input. When the EN pin is above 0.74V or the ENABLE_
REQ control bit is set high, the LT8722 will become pow-
ered on waiting for additional SPI commands to operate
begin switching. When driving the SWEN pin above 1.25V
and setting the SWEN_REQ control bit high, the LT8722
will begin a switching start-up sequence further detailed
in the Applications Information section of this document.
Electrical efficiency for the LT8722 is given by Equation 1.
Electrical Efficiency = 100% •
Electrical Power Delivered to LT8722 VOUT Load
LT8722 Electrical Input Power
(1)
To improve efficiency across all loads, supply current to
the internal circuitry can be sourced through the VCC pin
by reducing the VCC voltage output to 3.1V via SPI control
and overdriving VCC with 3.3V to 5.5V. Otherwise, the
VCC voltage should be programmed to 3.4V and internal
circuity will draw current directly from VIN.
The use of the analog output telemetry (AOUT) pin on the
LT8722 is optional. This output pin can be used in con-
junction with an external ADC to obtain information about
various aspects of the LT8722 operation including VIN,
VLOAD, ILOAD, die temp, etc. These outputs and their scal-
ing equations are included in the Applications Information
section of this document.
ENABLE AND STARTUP SEQUENCE
The LT8722 is in shutdown mode with ultralow quiescent
current when both the EN pin is low and the ENABLE_REQ
register bit is low. The VCC LDO regulator can be activated
by either pulling the EN pin high or by setting the ENABLE_
REQ bit high through the SPI. The rising threshold of the
EN pin comparator is 0.74V with 30mV of hysteresis.
To enable the linear driver, the SPIS_STATUS register
must be cleared. This is done by writing all SPIS_STATUS
registers to a value of 0. The output current monitoring
circuitry and integrated charge pump, which powers the
linear power stage’s top MOSFET, are enabled when the
ENABLE_REQ bit is high. Clearing the latched CP_UVLO
bit is required to enable the linear power driver.
Finally, the PWM driver is enabled by applying a logic high
voltage to the SWEN pin (through a series 20k, or greater,
resistor) and writing the SWEN_REQ register to a 1.
During LT8722 start-up, large inrush currents can occur.
Using proper SPI commands and wait times, a software
controlled soft-start function can be synthesized that
keeps inrush current to a minimum. The following state-
ments encompass the recommended start-up sequence:
• First, apply proper VIN and VDDIO voltages to the LT8722.
• Second, enable the VCC LDO and other LT8722 circuitry
by raising the EN pin above the 0.74V threshold and
writing the ENABLE_REQ bit to a 1.
• Third, configure the output voltage control DAC (SPIS_
DAC) to 0xFF000000. This code will force the LDR pin
to GND when the linear power stage is later enabled.
• Fourth, write all SPIS_STATUS registers to 0. This
clears all faults and allows the linear power stage to
be enabled. Due to the actions in the prior step, when
the linear power stage turns on in this step, the output
load will be discharged to GND. Pause between this
step and the next for ~1ms to allow any prebiased out-
put condition to dissipate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com