Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 10Page - Analog Devices LTM4663 Datasheet HTML 11Page - Analog Devices LTM4663 Datasheet HTML 12Page - Analog Devices LTM4663 Datasheet HTML 13Page - Analog Devices LTM4663 Datasheet HTML 14Page - Analog Devices LTM4663 Datasheet HTML 15Page - Analog Devices LTM4663 Datasheet HTML 16Page - Analog Devices LTM4663 Datasheet HTML 17Page - Analog Devices LTM4663 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LT8722
14
Rev. 0
For more information www.analog.com
Table 2. Switching Frequency Adjustment
SW_FRQ_ADJ BITS
CHANGE FROM NOMINAL
00
0%
01
+15%
10
–15%
11
0%
The operating frequency of the LT8722 PWM buck
driver can also be synchronized to an external source
automatically.
To synchronize to the external source, simply provide a digi-
tal clock signal into the SYNC pin and the LT8722 will oper-
ate at the SYNC clock frequency. The duty cycle of the SYNC
clock must be between 20% and 80% for proper operation.
And the SYNC frequency can always be higher than the free-
running oscillator frequency but should not be less than 30%
of the configured free-running oscillator frequency.
Selection of the operating frequency is a trade-off between
efficiency, component size and PWM duty cycle range.
The advantage of high frequency operation is that lower
value and smaller size inductors and capacitors can be
used. The disadvantages are lower efficiency and nar-
rower duty cycle range as required by the min-on time
and min-off time of the PWM driver.
BOOTSTRAP CIRCUITRY AND REFRESH PERIOD
The LT8722 integrates the bootstrap regulator to pro-
vide gate drive voltage for the top MOSFET of the PWM
driver (M3). The regulator generates a bootstrap voltage
between the BST pin and the SW pin, which is equal to
the VCC voltage.
It is recommended that an X7R or an X5R, 0.1µF ceramic
capacitor is placed between the BST pin and the SW pin.
Immediately after enabling the PWM driver, the bootstrap
capacitor voltage may not be high enough to drive the
M3 gate. A total of 32 refresh cycles, with 5μs period, are
required to charge the bootstrap capacitor before the PWM
driver starts to work properly. During each refresh cycle,
the M3 MOSFET is designed to be turned on first for 80ns
(typ), and then the M4 MOSFET is turned on for 160ns
(typ). After that, both the top and bottom MOSFETs are
turned off for the rest of the refresh cycle. By doing this, the
inrush load current is minimized. Figure 4 shows the typical
waveforms during the bootstrap cap voltage refresh period.
8722 F04
TOP MOSFET
ON
BOT MOSFET
ON
INDUCTOR
CURRENT
80ns
160ns
5 s
32 CYCLES IN TOTAL
Figure 4. Bootstrap Capacitor Voltage Refresh Cycles
VCC LDO REGULATOR
An internal low dropout (LDO) regulator produces a 3.4V
supply to the VCC pin from VIN when the VCC_VREG reg-
ister bit is 1. This LDO can supply enough current for
the LT8722’s circuitry and must be bypassed to ground
with a minimum 1µF ceramic capacitor. This bypassing is
necessary to supply the high transient currents required
by the PWM power MOSFET drivers.
To improve overall efficiency, an external supply between
3.4V to 3.8V can be applied to the VCC pin. When an exter-
nal supply is used, the VCC_VREG register bit needs to be
configured to 0. With this setting, the VCC LDO’s regula-
tion voltage will be reduced to 3.1V. The VCC pin can then
be overdriven with an external supply between 3.4V and
3.8V. Because the VCC target output voltage is 3.1V and
because the VCC LDO can only source current, only the
external supply will control the VCC pin in this situation.
SETTING INITIAL PEAK INDUCTOR CURRENT
When the PWM driver is enabled, the initial peak inductor
current can cause some transient behavior to the output
voltage and current for a short period of time. The optimal
initial peak inductor current is different for different VIN,
switching frequency and inductor values. The SW_VC_INT
register bits can be used to set this initial peak current.
Table 3 shows the configuration summary. When the rec-
ommended startup sequence is followed, the optimal initial
peak inductor current can be calculated with Equation 2.
IPEAK_INIT =
VIN
4 • L • fSW
(2)
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com