Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 22Page - Analog Devices LTM4663 Datasheet HTML 23Page - Analog Devices LTM4663 Datasheet HTML 24Page - Analog Devices LTM4663 Datasheet HTML 25Page - Analog Devices LTM4663 Datasheet HTML 26Page - Analog Devices LTM4663 Datasheet HTML 27Page - Analog Devices LTM4663 Datasheet HTML 28Page - Analog Devices LTM4663 Datasheet HTML 29Page - Analog Devices LTM4663 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LT8722
27
For more information www.analog.com
Rev. 0
APPLICATIONS INFORMATION
INDUCTOR SELECTION
The inductor selection determines the inductor current
ripple and loop dynamic responses. Larger inductance
results in smaller current ripple and slower transient
response as smaller inductance results in the opposite
performance. To optimize the performance, trade-offs
must be made between transient response speed, effi-
ciency and component size. Normally the inductor cur-
rent ripple is set to a value between 30% and 40% of the
maximum load current (Equation 11).
L
=
VSFB • VIN − VSFB
(
)
(VIN • fSW • ΔIL)
(11)
where ΔIL is the desired inductor current ripple in Amps.
The equivalent DC resistance (DCR) inherent in the metal
conductor of the inductor is also a critical factor for induc-
tor selection. The DCR can account for much of the power
loss in the inductor according to PLOSS = DCR • ISFB2.
Using an inductor with high DCR degrades the overall
efficiency significantly. In addition, there is a conducted
voltage drop through the inductor because of the DCR.
When the PWM amplifier is sinking current in cooling
mode, this DCR voltage drop sets the minimum voltage
of the amplifier a little higher by at least tens of millivolts.
Similarly, the maximum PWM amplifier output voltage is a
little lower by at least tens of millivolts. This voltage drop
is proportional to the value of the DCR, and reduces the
output voltage range across the TEC.
When selecting an inductor, ensure the saturation cur-
rent rating is higher than the maximum current peak to
prevent saturation. In general, ceramic multilayer induc-
tors are suitable for low current applications due to small
size and low DCR. When the noise level is critical, use a
shielded ferrite inductor to reduce the electromagnetic
interference (EMI).
SFB CAPACITOR SELECTION
The SFB capacitor determines the output voltage ripple,
transient response, as well as the loop dynamic response
of the PWM driver output. Use Equation 12 to select
the capacitor.
CSFB =
ΔIL
(8 • fSW • ΔfSFB)
(12)
where ΔVSFB is the desired maximum SFB pin
voltage ripple.
Note that the voltage caused by the product of inductor
current ripple, and the capacitor equivalent series resis-
tance (ESR) also adds to the total output voltage ripple.
Selecting a capacitor with low ESR can increase overall
regulation and efficiency performance.
Place the SFB capacitor as close to the LT8722 as possible.
LDR CAPACITOR SELECTION
To further improve systematic noise at the output of the
LT8722, additional ceramic capacitors can be added at
the LDR pin. Each additional capacitor should range from
10nF – 47nF, depending on application, and have very
low ESR and ESL characteristics. Capacitor positions are
as follows 1) between LDR – GND close to the LT8722,
2) between LDR – SFB close to the load and 3) between
LDR – GND close to the load. A lower cost, lower perfor-
mance alternative would be to place a 150nF capacitor
between LDR – SFB close to the primary SFB capacitor.
HIGH TEMPERATURE CONSIDERATIONS
The LT8722 has two over temperature monitors. If the
junction temperature exceeds ~170°C, mainly due to high
VCC regulator load current, the LT8722 will enter one ther-
mal shutdown mode, and the VCC regulator, linear driver
and PWM driver are all disabled. Otherwise, an overtem-
perature event causes the SPI register values to reset to
their default values and both drivers are disabled. Either
overtemperature event is latched in the thermal shutdown
(TSD) register bit. The TSD threshold has 15°C hysteresis
so that the LT8722 does not recover from thermal shut-
down until the on-chip temperature is below 155°C. Upon
recovery, the LT8722 will enter a new start-up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com