Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 16Page - Analog Devices LTM4663 Datasheet HTML 17Page - Analog Devices LTM4663 Datasheet HTML 18Page - Analog Devices LTM4663 Datasheet HTML 19Page - Analog Devices LTM4663 Datasheet HTML 20Page - Analog Devices LTM4663 Datasheet HTML 21Page - Analog Devices LTM4663 Datasheet HTML 22Page - Analog Devices LTM4663 Datasheet HTML 23Page - Analog Devices LTM4663 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LT8722
20
Rev. 0
For more information www.analog.com
SERIAL PERIPHERAL INTERFACE
The LT8722 utilizes an SPI slave to communicate with
an external microcontroller. Through SPI, the master can
configure the LT8722 functions and set parameters. The
master can also read back the status of the LT8722.
The LT8722 SPI is a full duplex protocol on 4-signal lines.
A clock named SCK is sent from the master to synchronize
MOSI and MISO data. A chip-select enable bar signal (active
low) named CS is sent from the master to enable LT8722
SPI communication. A unidirectional data line named MOSI
is sent from the master to the LT8722 and a unidirectional
data line named MISO is driven from the LT8722 to the
master. Bits are always sent or driven MSB first. SPI Mode
0 is supported in the LT8722. In Mode 0, the SCK is low
when the clock is inactive, and bits are always sampled at
the rising edge of SCK and driven at the falling edge of SCK.
SPI: Packet Format
A packet is a fundamental data element composed of indi-
vidual bits encoding the command, address and/or data
accompanied by a CRC/ACK. Different packet types con-
tain different numbers of bits. There are 3 types of packets
for the LT8722 SPI: Status Acquisition, Data Write, and
Data Read.
Each packet accomplishes one complete transaction over
the interface, whether a Status Acquisition, Data Write,
or Data Read. Packets are always initiated by pulling CS
down and always end by pulling CS up.
8722 F12
CS
MOSI
C[7:0]
A[7:0]
ACK[7:0]
00000 STATUS[10:0] CRC[7:0]
MISO
CRC[7:0]
0xXX
Figure 12. Status Acquisition Packet
8722 F13
CS
MOSI
C[7:0]
A[7:0]
CRC[7:0]
0xXX
00000 STATUS[10:0] CRC[7:0]
ACK[7:0]
MISO
0xXX
0xXX
0xXX
0xXX
D[31:24]
D[23:16]
D[15:8]
D[7:0]
Figure 13. Data Write Packet
SPI ARCHITECTURE
8722 F14
CS
MOSI
C[7:0]
A[7:0]
0xXX
D[23:16]
00000 STATUS[10:0]
D[31:24]
ACK[7:0]
MISO
D[15:18]
D[7:0]
CRC[7:0]
0xXX
CRC[7:0]
0xXX
0xXX
0xXX
Figure 14. Data Read Packet
SPI: Command
C[7:0] is an 8-bit field indicating the action that the master
wants to perform as shown in Table 13.
Table 13. Command Byte Description
NAME
C[7:0]
DESCRIPTION
SQ
0x00
Status Acquisition Command
DW
0x02
Data Write Command
DR
0x04
Data Read Command
SPI: ADDRESS
A[7:0] is an 8-bit field indicating the register address
that the master wants to access. Table 14 is the register
address summary and the address field duration is 8-SCK
cycles. A[0] is always zero.
Table 14. Address Description, A[0] Is Always Zero
ADDRESS, A[7:1]
REGISTER NAME
0x00
SPIS_COMMAND
0x01
SPIS_STATUS
0x02
SPIS_DAC_ILIMN
0x03
SPIS_DAC_ILIMP
0x04
SPIS_DAC
0x05
SPIS_OV_CLAMP
0x06
SPIS_UV_CLAMP
0x07
SPIS_AMUX
SPI: DATA
D[31:0] is a 4-byte field containing the data to transfer.
The data field duration is 32-SCK cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com