Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 12Page - Analog Devices LTM4663 Datasheet HTML 13Page - Analog Devices LTM4663 Datasheet HTML 14Page - Analog Devices LTM4663 Datasheet HTML 15Page - Analog Devices LTM4663 Datasheet HTML 16Page - Analog Devices LTM4663 Datasheet HTML 17Page - Analog Devices LTM4663 Datasheet HTML 18Page - Analog Devices LTM4663 Datasheet HTML 19Page - Analog Devices LTM4663 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LT8722
16
Rev. 0
For more information www.analog.com
vs transfer function (Figure 6) is unaffected by SYS_DC.
However, the SYS_DC register setting effects the LDR
slope and the min/max duty cycle of the PWM driver as
shown in Figure 7 and Figure 8.
3V = 0.2•15V
3V = 0.2•15V
VLDR
VSFB
SPIS_DAC CODE (MILLIONS)
–13.0 –8.7
–4.3
0.0
4.3
8.7
13.0
0
3
6
9
12
15
8722 F07
Figure 7. VLDR and VSFB vs SPIS_DAC Code
when VIN = 15V, SYS_DC[1:0] = 2b00,
fSW = 2MHz
1.5V = 0.1•15V
1.5V = 0.1•15V
VLDR
VSFB
SPIS_DAC CODE (MILLIONS)
–13.0 –8.7
–4.3
0.0
4.3
8.7
13.0
0
3
6
9
12
15
8722 F08
Figure 8. VLDR and VSFB vs SPIS_DAC Code
when VIN =15V, SYS_DC[1:0] = 2b10,
fSW = 2MHz
The integrated high resolution DAC is used to set LDR,
SFB and the corresponding output voltage. In a regulation
feedback loop, a software controlled PID loop measures
a desired parameter, then adjusts the output voltage by
configuring the SPIS_DAC register through SPI. SPIS_
DAC is stored in 2’s complement format. The 7MSB bits,
SPIS_DAC[31:26] are sign-extended and are decided by
the SPIS_DAC[25] bit. Table 5 shows how to set VDAC
through the SPIS_DAC register. Note that VDAC is equal to
V1P25 when SPIS_DAC is 0x00000000. The output voltage
can be calculated by Equation 6 and Equation 7.
VOUT = VLDR − VSFB = − 16 • VDAC − V1P25
(
) (6)
VDAC = V1P25 − SPIS_DAC • V2P5 • 2−25
(7)
The integrated 25-bit DAC is used to set the output dif-
ferential voltage, VOUT, as per Equation 8. VOUT can be
changed by setting the SPIS_DAC register through the
SPI. SPIS_DAC is stored in 2’s complement format. The
7MSB bits, SPIS_DAC[31:26] are sign-extended and are
decided by the SPIS_DAC[25] bit. Table 5 shows how to
set VDAC through the SPIS_DAC register. Note that VOUT is
equal to zero when SPIS_DAC is 0x00000000. The output
voltage VOUT be calculated by Equation 8.
VOUT = 16 •SPIS_DAC • V2P5 • 2−25
(8)
Where 2–25 is approximately 29.802nV.
Table 5. VDAC vs SPIS_DAC
SW_DAC_VTEC BITS
DESCRIPTION, VDAC
0xFF000000
V1P25 + 16777216 • V2P5 • 2–25V = 2.5V
0xFF000001
V1P25 + 16777215 • V2P5 • 2–25V = 2.49999997V
• • •
• • •
0xFF999998
V1P25 + 6710888 • V2P5 • 2–25V = 2.00000003V
0xFF999999
V1P25 + 6710887 • V2P5 • 2–25V = 2.0V
0xFF99999A
V1P25 + 6710886 • V2P5 • 2–25V = 1.99999997V
• • •
• • •
0xFFFFFFFF
V1P25 + 1 • V2P5 • 2–25V = 1.25000003V
0x00000000
V1P25 + 0 • V2P5 • 2–25V = 1.25V
0x00000001
V1P25 – 1 • V2P5 • 2–25V = 1.24999997V
• • •
• • •
0x00666666
V1P25 – 6710886 • V2P5 • 2–25V = 0.75000003V
0x00666667
V1P25 – 6710887 • V2P5 • 2–25V = 0.75V
0x00666668
V1P25 – 6710888 • V2P5 • 2–25V = 0.74999997V
• • •
• • •
0x00FFFFFE
V1P25 – 16777214 • V2P5 • 2–25V = 0.00000006V
0x00FFFFFF
V1P25 – 16777215 • V2P5 • 2–25V = 0.00000003V
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com