Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 2Page - Analog Devices LTM4663 Datasheet HTML 3Page - Analog Devices LTM4663 Datasheet HTML 4Page - Analog Devices LTM4663 Datasheet HTML 5Page - Analog Devices LTM4663 Datasheet HTML 6Page - Analog Devices LTM4663 Datasheet HTML 7Page - Analog Devices LTM4663 Datasheet HTML 8Page - Analog Devices LTM4663 Datasheet HTML 9Page - Analog Devices LTM4663 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT8722
6
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AOUT Analog Monitor
VILIMP_ZERO
SPIS_DAC_ILIMP = 0x200, ILIMP = (512–512) • 13.3mA = 0A.
VILIMP = V1P65 + ILIMP/8, SPIS_AMUX = 0x40
1.665
V
VILIMP_MID
SPIS_DAC_ILIMP = 0x294, ILIMP = (660–512) • 13.3mA = 1.9684A.
VILIMP = V1P65 + ILIMP/8, SPIS_AMUX = 0x40
1.913
V
VILIMP_HIGH
SPIS_DAC_ILIMP = 0x318, ILIMP = (792–512) • 13.3mA = 3.724A.
VILIMP = V1P65 + ILIMP/8, SPIS_AMUX = 0x40
2.135
V
VILIMN_ZERO
SPIS_DAC_ILIMN = 0x1FF, ILIMP = (511–511) • 13.3mA = 0A.
VILIMP = V1P65 + ILIMP/8, SPIS_AMUX = 0x41
1.663
V
VILIMN_MID
SPIS_DAC_ILIMN = 0x174, ILIMP = (372–511) • 13.3mA = –1.8487A.
VILIMP = V1P65 + ILIMP/8, SPIS_AMUX = 0x41
1.429
V
VILIMN_HIGH
SPIS_DAC_ILIMN = 0xF8, ILIMP = (248–511) • 13.3mA = –3.4979A.
VILIMP = V1P65 + ILIMP/8, SPIS_AMUX = 0x41
1.221
V
AOUT_DAC_NEG
SPIS_DAC = 0x00E00000, AOUT_DAC_NEG =1.8 • V1P25 - 0.8 • VDAC,
SPIS_AMUX=0x42
1.51
V
AOUT_DAC_ZERO
SPIS_DAC = 0x00000000, AOUT_DAC_ZERO =1.8 • V1P25 - 0.8 • VDAC,
SPIS_AMUX=0x42
1.263
V
AOUT_DAC_POS
SPIS_DAC = 0xFF100000, AOUT_DAC_POS =1.8 • V1P25 - 0.8 • VDAC,
SPIS_AMUX=0x42
0.991
V
AVOUT_NEG
SPIS_DAC = 0xFFB20000, VOUT = –11927552/224 • 1.25 • 16 • Ga = –13.792V
AOUT = V1P25–VOUT/16, SPIS_AMUX = 0x43
2.125
V
AVOUT_ZERO
SPIS_DAC = 0x00000000, VOUT = 0V, SPIS_AMUX = 0x43
1.259
V
AOUT_DAC_POS
SPIS_DAC = 0x00E00000, VOUT = +11927552/224 • 1.25 • 16 • Ga = 13.792V
AOUT = V1P25–VTEC/16, SPIS_AMUX = 0x43
0.394
V
Output Current, VIMON
ILDR = –1A. AOUT = V1P65 + ILDR/10, SPIS_AMUX = 0x44
1.538
V
ILDR = 0A. AOUT = V1P65 + ILDR/10, SPIS_AMUX = 0x44
1.666
V
ILDR = 1A. AOUT = V1P65 + ILDR/10, SPIS_AMUX = 0x44
1.799
V
AOUT_2P5V
AOUT = 0.6 • V2P5, SPIS_AMUX = 0x45
1.5138
V
AOUT_1P25V
AOUT = V1P25, SPIS_AMUX = 0x46
1.26
V
AOUT_1P65V
AOUT = V1P65, SPIS_AMUX = 0x47
1.665
V
Temp Sense Voltage at 25°C
Die Temp = (AOUT –1.4207)/0.0047148, SPIS_AMUX = 0x48
1.543
V
AOUT_VIN
VIN = 15V, AOUT = 0.9 • V2P5–VIN/8, SPIS_AMUX = 0x49
0.3933
V
AOUT_VCC
VCC = 3.4V, AOUT_VCC = 0.4 • VCC, SPIS_AMUX = 0x4A
1.36
V
AOUT_VDDIO
VDDIO = 3.3V, SPIS_AMUX = 0x4B, AOUT = 0.4 • VDDIO
1.32
V
AOUT_VSFB
VSFB = 15V, SPIS_AMUX = 0x4C, AOUT = (16/17) • V1P25 + VSFB/17
2.072
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 15V, VDDIO = 3.3V and GND = SYNC = 0V, EN = SWEN = high
unless otherwise specified. VCC has a 1μF capacitor to GND and is driven by the VCC regulator unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com