Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4663
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 1 Page - Analog Devices

  LTM4663 Datasheet HTML 1Page - Analog Devices LTM4663 Datasheet HTML 2Page - Analog Devices LTM4663 Datasheet HTML 3Page - Analog Devices LTM4663 Datasheet HTML 4Page - Analog Devices LTM4663 Datasheet HTML 5Page - Analog Devices LTM4663 Datasheet HTML 6Page - Analog Devices LTM4663 Datasheet HTML 7Page - Analog Devices LTM4663 Datasheet HTML 8Page - Analog Devices LTM4663 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT8722
1
For more information www.analog.com
Rev. 0
Document Feedback
n
Driving a Thermo Electric Cooler (TEC) with Fine Control
n
Transmit Optical Sub-Assembly (TOSA) Cooling
n
Erbium Doped Fiber Amplifier (EDFA) Temperature
Regulation
n
Photonic Integrated Circuit (PIC) Cooling
n
LiDAR Mirror Control
n
Motor Control
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultracompact 4A, 15V,
Full Bridge Driver with SPI
The LT®8722 is a high performance, high efficiency,
monolithic full bridge DC/DC converter. One side of the
full bridge is driven by a pulse width modulation (PWM)
buck power stage, while the other side of the full bridge
is driven by a linear power stage. The LT8722 can deliver
up to ±54W1 of power to its load while only requiring
a single inductor. An integrated 25-bit digital-to-analog
converter (DAC) is used to control the LT8722 output
voltage. Two additional 9-bit DACs control the positive and
negative output current limits. An analog output telemetry
pin can be used to monitor SPI selectable parameters
such as VIN, VOUT, IOUT or the LT8722 junction tempera-
ture. The serial peripheral interface (SPI) can be used to
configure and control the LT8722 allowing for flexibility
to set the desired output voltage, output current limits,
voltage limits, switching frequency and control ON/OFF
behavior. The SPI operates at up to 10MHz allowing for
fast readback and control. The LT8722 operates from a
single 3.1V to 15V supply. Silent Switcher techniques are
used to minimize EMI/EMC emissions while delivering
high efficiency at high switching frequencies. The LT8722
is available in a 3mm × 3mm LQFN package.
1 VTEC = ±13.5V/±4A with VIN = 15V, fSW = 1MHz
±13.5V/±4A TEC Driver
APPLICATIONS
n
25-Bit Digital Output Voltage Control
n
Wide Input Voltage Range: 3.1V to 15V
n
±4A Output Current
n
High Output Power: Up to 54W1
n
High Efficiency at High Frequency
n
92.6% Efficiency at 4A, 15VIN, fSW = 3MHz
n
SPI Interface Allows User to:
n
Set Output Regulation Voltage
n
Set Output Current Limits
n
Check Device Status
n
Enable/Disable Output
n
Integrated 4A Power Switches
n
Silent Switcher® Architecture
n
Analog Output for Diagnostics/Telemetry
n
Adjustable and Synchronizable: 500kHz to 3MHz
n
Small 3mm × 3mm 18-Lead LQFN
All registered trademarks and trademarks are the property of their respective owners.
Electrical Efficiency in
Cooling Configuration
fSW = 3MHz
VIN = 15V
RLOAD = 2.5Ω
LOAD CURRENT (A)
0
1
2
3
4
5
20
35
50
65
80
95
8722 TA01b
VIN
VIN
SCK
MOSI
MISO
LDR
BST
SW
SFB
AOUT
CS
VCC
VDDIO
EN
SWEN
SYNC
GND
LT8722
FROM SPI
MASTER
8722 TA01a
TEC LOAD
+
–
TO ADC
VOUT
0.1 F
1 F
0.1 F 1 H
150nF
1 F
VIN
3.1V TO 15V
VDDIO
2.7V TO 6V
0.1 F
4.7 F
0.1 F
4.7 F


Similar Part No. - LTM4663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
LTM4663 AD-LTM4663 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4663 AD-LTM4663 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4663EV#PBF AD-LTM4663EV#PBF Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
LTM4663IV#PBF AD-LTM4663IV#PBF Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
More results

Similar Description - LTM4663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
Full bridge driver IC
1999 Aug 10
logo
IXYS Corporation
IX4R11 IXYS-IX4R11 Datasheet
616Kb / 6P
4A Half-Bridge Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
FULL BRIDGE DRIVER
04-Jun-2007
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
STMicroelectronics
L6201013TR STMICROELECTRONICS-L6201013TR Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
Jul-2003
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
Full-bridge FET Driver
logo
STMicroelectronics
E-L6202 STMICROELECTRONICS-E-L6202 Datasheet
6Mb / 20P
DMOS FULL BRIDGE DRIVER
July 2003
logo
ON Semiconductor
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com