Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 24Page - Analog Devices LTC4413 Datasheet HTML 25Page - Analog Devices LTC4413 Datasheet HTML 26Page - Analog Devices LTC4413 Datasheet HTML 27Page - Analog Devices LTC4413 Datasheet HTML 28Page - Analog Devices LTC4413 Datasheet HTML 29Page - Analog Devices LTC4413 Datasheet HTML 30Page - Analog Devices LTC4413 Datasheet HTML 31Page - Analog Devices LTC4413 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC4421
32
Rev. 0
ANALOG DEVICES, INC. 2019
11/19
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4417
Triple Prioritized PowerPath Controller
2.5V to 36V Operation; Ext P-Channel MOSFET; –42V Reverse Protection
LTC4418
Dual Prioritized PowerPath Controller
2.5V to 40V Operation; Ext P-Channel MOSFET; –42V Reverse Protection
LTC4419
Dual Prioritized PowerPath Controller
1.8V to 18V Operation; 0.5A Switches; Freshness Seal
LTC4420
Dual Prioritized PowerPath Controller
1.8V to 18V Operation; 0.5A Switches; Freshness Seal; Backup Disconnect
LTC4411
Single 2.6A Ideal Diode
2.6V to 5.5V Operation; 140mΩ RON; 40µA IQ
LTC4358
Single 5A Ideal Diode
9V to 26.5V Operation; 20mΩ RON; 780µA IQ
LTC4413
Dual 2.6A Ideal Diode
2.5V to 5.5V Operation; 140mΩ RON; 25µA IQ
LTC4415
Dual 4A Ideal Diode
1.7V to 5.5V Operation; 50mΩ RON; 44µA IQ
Secondary Supply Run Down to 500mV Using LTC3119 to Power EXTVCC
C7
0.1µF
R14
100k
C9
0.1µF
C10
220µF
R9
78.7k
R12
100k
R13
316k
C11
820pF
VOUT
3.3V
L1
4.7µH
CINTVCC
1µF
35.7k
R1
12.7k
R2
20k
R3
1M
R4
35.7k
R5
12.7k
R6
1.02M
R7
C2
0.1µF
M1
PSMN4R060YS
M2
PSMN1R440YLD
M3
PSMN4R060YS
M4
PSMN1R440YLD
CCPO
1µF
CTMR2
47nF
CTMR1
47nF
CQUAL
470pF
COUT1
220µF
RSENSE1
1.5m
RSENSE2
1.5m
C8
4.7µF
R10
162k
D1
SMBJ24CA
D2
SMBJ24CA
CG1
47nF
GATE1 SOURCE1
OUT2
GATE2 SOURCE2
V1
EXTVCC
INTVCC
TMR1
OV1
OV2
V2
CPO
SENSE1
SENSE2
VALID1
VALID2
GND
FAULT1
FAULT2
CH1
CH2
DISABLE1
DISABLE2
SHDN
UVF1
UVF2
UVR1
UVR2
OUT1
TMR2
CASIN
CASOUT
QUAL
RETRY
CPOREF
CG2
47nF
PRIMARY
12V
SECONDARY
12V
LTC4421
LTC4421 TA02
DIGITAL
STATUS
OUTPUTS
DIGITAL
CONTROL
INPUTS
UVR1 = 11.04V
UVF1 = 7.81V
OV1 = 14.96V
UVR2 = 11.04V
UVF2 = 500mV
OV2 = 14.96V
BST1
SW2
SW1
BST2
PVIN
VIN
RUN
PWM/SYNC
VCC
SVCC
MPPC
RT
PGND
GND
VC
PGOOD
PVOUT
FB
LTC3119
RSN2
1.2
CSN2
10µF
RSN1
1.2
CSN1
10µF
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com