Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 5 Page - Analog Devices

  LTC4413 Datasheet HTML 1Page - Analog Devices LTC4413 Datasheet HTML 2Page - Analog Devices LTC4413 Datasheet HTML 3Page - Analog Devices LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4421
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. See the LTC4421 Data Sheet Nomenclature section for more details on pin
conditions. V1 = 12V, V2 = 13V, EXTVCC = CPOREF = OUT1 = OUT2 = SENSE1 = SENSE2 = 11V, OV1 = OV2 = TMR1 = TMR2 = OV, UVR1 =
UVR2 = UVF1 = UVF2 = DISABLE1 = DISABLE2 = SHDN = RETRY = CASIN = 4V, CPO = 23.5V, QUAL = INTVCC, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL OUTPUTS (CH1, CH2, VALID1, VALID2, FAULT1, FAULT2, CASOUT)
VOL,HV
Output Voltage Low, CH, VALID, FAULT
I = 1mA, V1 = V2 = EXTVCC = 3.0V
I = 3mA, V1 = V2 = EXTVCC = 3.0V
l
l
185
0.58
450
1.35
mV
V
IOH,HV
Open Drain, Output High Leakage Current
V = 36V, CH, VALID, FAULT
l
±1
µA
VCASO,OH
CASOUT Output High Voltage
I = –1µA , SHDN = 0V
l
2
3.4
4.5
V
VCASO,OL
CASOUT Output Low Voltage
I = 1mA
l
85
200
mV
ICASO
CASOUT Pull-Up Current
CASOUT = 1V
l
–11
–22
–40
µA
ILK,CASO
CASOUT Leakage Current
CASOUT = 5.5V
l
±1
µA
Note 1. Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3. Do not drive GATE1 and GATE2 above CPO. Doing so can cause
excessive voltage on CPO.
Note 4. V1 can operate down to 0V, provided V2 ≥ 3.0V or EXTVCC ≥ 3.0V.
Likewise, V2 can operate down to 0V, provided V1 ≥ 3.0V or EXTVCC ≥ 3.0V.
The LTC4421 dedicates 13 pins per channel for the pur-
poses of monitoring each input supply and controlling
its connection to the output. Pin names having suffix “1”
apply to Channel 1, while those having suffix “2” apply to
Channel 2. When no suffix is used when referencing one
of these pins, it means that the text applies to the pins
on both channels. For example, “Connect a capacitor
CTMR from TMR to ground” means “Connect a capacitor
CTMR1 between the TMR1 pin and ground” and “Connect
a capacitor CTMR2 between the TMR2 pin and ground”.
References to multiple pin names with no suffix are meant
to describe functionality within a channel but apply to both
channels. These references occur for the following cases:
1. Connecting two pins together: “Tie FAULT to DISABLE”
means “Tie FAULT1 to DISABLE1” and “Tie FAULT2 to
DISABLE2”.
2. Referring to differential voltages: “SENSE to OUT”
means “SENSE1 to OUT1” and “SENSE2 to OUT2”.
3. Causation: “The VALID pins pull low when their V1-V2
supplies have been validated” means “The VALID1 pin
pulls low when the V1 supply has been validated” and
“The VALID2 pin pulls low when the V2 supply has
been validated”.
LTC4421 DATA SHEET NOMENCLATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com