Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices LTC4413 Datasheet HTML 15Page - Analog Devices LTC4413 Datasheet HTML 16Page - Analog Devices LTC4413 Datasheet HTML 17Page - Analog Devices LTC4413 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC4421
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
comparator threshold, the resistor values can be calcu-
lated as shown in Equation 1 through Equation 5.
R
TOTAL = R1+ R2 + R3 + R4
(1)
R1=
0.5 •R
TOTAL
(
)
V
OVRISE
(2)
R2 =
V
OVRISE
V
UVRISE
– 1
⎛
⎝
⎜
⎞
⎠
⎟ • R1
(3)
R3 =
V
UVRISE
V
UVFALL
– 1
⎛
⎝
⎜
⎞
⎠
⎟ •
V
OVRISE
V
UVRISE
⎛
⎝
⎜
⎞
⎠
⎟ • R1
(4)
R4 = R1•
V
OVRISE
0.5
– 1
⎛
⎝
⎜
⎞
⎠
⎟ – R3 – R2
(5)
When setting the resistor values, take into account the
tolerance of the input supply voltage, the tolerance of the
resistors, the ±2% error in the 500mV reference and the
±10nA maximum leakage of the UVR, UVF and OV pins.
To permanently invalidate a channel, connect OV, UVR
and UVF to ground.
During channel turn-on, the relatively large inrush current
causes a voltage drop across the input supply source
resistance and the parasitic resistances of PCB traces and
any cable. This voltage drop can cause UV faults that
trigger a phenomenon called UV motorboating, where
the input supply repeatedly connects and disconnects
from the output. UV motorboating can lead to compo-
nent damage and undesirable/erratic behavior. To pre-
vent UV motorboating, set the VUVRISE and VUVFALL as
far apart as possible to maximize hysteresis and prevent
channel disconnect during the inrush. Ideally, quantify the
worst-case input resistance RSRC,MAX, and set (VUVRISE-
VUVFALL) larger than (ILIM • RSRC,MAX), where ILIM is the
current limit. The OV hysteresis is fixed at 10% above the
OV threshold voltage.
For better accuracy, use one resistive divider per chan-
nel to set the UVF and UVR thresholds, and a second,
separate resistive divider to set the OV threshold. For
ease of calculation, use three individual resistive divider
strings per channel – one for OV, one for UVF and one for
UVR. However, to ensure the UVR threshold is always
higher than the UVF threshold on a given channel,
do not use separate strings for UVR and UVF when
setting their thresholds close together in voltage.
Figure 2 shows these various resistive divider possibili-
ties, using Channel 1 as an example.
Figure 2. Three Resistive Divider Options For Setting the OV, UVR and UVF Threshold Voltages
UVF1
OV1
OV1
UVR1
OV1
UVF1
UVR1
UVR1
UVF1
0.5V
0.5V/0.45V
QUAL
V1
VALID1
VPU
R1
R2
R3
R4
R5
R6
R7
R8
M1
M2
M3
R9
R10
R11
R12
R13
R14
R15
R16
QUAL
TIMER
FEWEST
RESISTORS
ENSURES UVR1
THRESHOLD > UVF1
THRESHOLD
EASIEST TO CALCULATE
VI INPUT SUPPLY
LTC4421
LTC4421 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com