Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices LTC4413 Datasheet HTML 15Page - Analog Devices LTC4413 Datasheet HTML 16Page - Analog Devices LTC4413 Datasheet HTML 17Page - Analog Devices LTC4413 Datasheet HTML 18Page - Analog Devices LTC4413 Datasheet HTML 19Page - Analog Devices LTC4413 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC4421
16
Rev. 0
For more information www.analog.com
Selecting the Output Capacitor
When switching connection to the output between the
two input supplies, the LTC4421 utilizes break-before-
make circuitry to ensure the first channel has completely
disconnected from the output before the second turns
on. This prevents current from flowing from one input to
the other via the output, a phenomenon known as cross-
conduction. As a result, there is a dead time during swi-
tchover when neither supply is powering the output.
Users must choose an output capacitance COUT to support
the output load current and minimize the output voltage
step and droop during switchover. When the first channel
disconnects, a voltage step occurs at the output due to
the load current flowing through COUT’s equivalent series
resistance RESR. The magnitude of the voltage step is
given by Equation 8.
V
STEP = (ILOAD
• R
ESR )
(8)
For the duration of the dead time, the output voltage
droops as the load current discharges COUT. The maxi-
mum magnitude of the droop is given by Equation 9.
V
DROOP =
I
LOAD(MAX) • tG(SWITCH),MAX
(
)
C
OUT
(9)
Set COUT to optimize the trade-off between minimizing
output voltage droop and minimizing the time required to
fully charge the output from 0V. Set VDROOP(MAX) as high
as possible; usually, VDROOP(MAX) ≤ 0.1 • VOUT is accept-
able. Typically, using 10µF to 50µF of output capacitance
per Ampere of maximum load current achieves a reason-
able trade-off.
APPLICATIONS INFORMATION
Figure 4 shows an output voltage waveform during swi-
tchover for a system having 5A output load current and
a 220µF output capacitor with 100mΩ RESR. When the
first channel is turned off, the 5A load is provided by the
220µF capacitor. With 5A flowing through the 100mΩ
RESR, VSTEP = 500mV. Following the ESR step, the output
discharges at a rate dV/dt = 5A/220µF until the second
channel is switched in.
Because of the high output currents, it is imperative
to choose capacitors having very low ESR to minimize
VSTEP. Also, consult the capacitor vendor’s curves of
capacitance versus DC bias voltage and capacitance ver-
sus temperature, and account for temperature and voltage
coefficients of COUT.
Determining the Maximum Time to Charge the Output
Voltage
Whenever the output is being charged from a lower
voltage to a higher voltage, it charges in current limit.
As a result, the overcurrent fault timer is running dur-
ing charging. It is imperative to determine the maximum
time t(CHG,MAX) required to charge the output and set the
overcurrent fault time tTMR,FLT > t(CHG,MAX). The maximum
charge time is given by Equation 10.
t
(CHG,MAX) =
C
OUT • VIN,MAX
(
)
I
LIM– ILOAD,CHG
(
)
(10)
where VIN,MAX is the highest input voltage and ILOAD,CHG
is the maximum DC load current present when COUT is
being charged. The worst case occurs when ILOAD,CHG
= ILOAD,MAX. If possible, disable the output load current
Figure 4. Output Voltage ESR Step and Linear Discharge During Channel Switchover
ESR STEP
0.5/DIV
10µs/DIV
VOUT
DROOP DUE TO
SWITCHOVER DELAY
4421 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com