Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 22Page - Analog Devices LTC4413 Datasheet HTML 23Page - Analog Devices LTC4413 Datasheet HTML 24Page - Analog Devices LTC4413 Datasheet HTML 25Page - Analog Devices LTC4413 Datasheet HTML 26Page - Analog Devices LTC4413 Datasheet HTML 27Page - Analog Devices LTC4413 Datasheet HTML 28Page - Analog Devices LTC4413 Datasheet HTML 29Page - Analog Devices LTC4413 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC4421
26
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Next, calculate the time it takes to charge the output volt-
age from 0V to 12V at the maximum DC load current as
shown in Equation 21 (from Equation 10).
t
CHG(MAX) =
(220µF • 12V)
(16.7A – 8A)
= 303µs
(21)
To ensure the output will fully charge before trigger-
ing an overcurrent fault time-out, choose CTMR1 to set
tTMR,FLT = 450µs. See Equation 22 (from Equation 13).
C
TMR1 =
450µs
83[µs/nF]
⎛
⎝
⎜
⎞
⎠
⎟= 5.4nF
(22)
Using the nearest standard value and accounting for tol-
erance, we choose 6.8nF, which yields tTMR,FLT = 564µs.
The power dissipation during short circuits is given by
Equation 23 (from Equation 11).
Power = (12V • 16.7A) = 200W
(23)
Referring to the SOA curves in the PSMN4R060YS data
sheet, the MOSFET can withstand 720W for 1ms at 25°C
and 12V. Derating the SOA for the maximum operating
temperature is given by Equation 24 (from Equation 12).
SOA(85°C) = 720W •
(175 – 85)
(175 – 25)
= 432W at 1ms (24)
Our overcurrent fault time-out will occur for 200W at
564µs, so the requirement is satisfied.
Next, select 47nF capacitors CG1 and CG2 to compensate
the current limit regulation loops of channels 1 and 2,
respectively. D1 and D2 are bidirectional Transient Voltage
Suppression (TVS) diodes that clamp the input voltages
below 40V at channel turn-off, thereby protecting the
LTC4421 and the N-Channel MOSFETs.
The OV, UV monitoring resistors should be chosen to yield
a total divider resistance of between 1MΩ and 2MΩ for
both low power and good transient response time. Using
Equation 1 through Equation 4 and rounding up to the
nearest 1% accurate standard resistor values, R1-R4 are
calculated by Equation 25.
Choose R1 + R2 + R3 + R4 = 1000k
Ω
(25)
From Equation 2, R1 = (0.5/15) • 1000kΩ = 33.3kΩ. The
nearest standard resistor value is 33.2kΩ.
From Equation 3, R2 = (15/11 – 1) • 33.2kΩ = 12.07kΩ.
The nearest standard value is 12.1kΩ.
From Equation 4, R3 = (11/8 – 1) • (15/11) • 33.2kΩ =
16.98kΩ. The nearest standard value is 16.9kΩ.
From Equation 5, R4 = (15/0.5 – 1) • 33.2kΩ – 12.1kΩ –
16.9kΩ = 933.8kΩ. The nearest standard value is 931kΩ.
From Equation 17, CQUAL is set to 1nF to set an OV, UV
validation time of 16ms. This gives the LTC4421 time to
pre-charge the GATE1 voltage to minimize turn-on time
when V2 is powering the output and the V1 input supply
is plugged in.
PCB Layout Considerations
To achieve accurate current sensing, Kelvin connections
are recommended for the sense resistors. The PCB lay-
out for the sense resistors should be balanced and sym-
metrical to minimize wiring errors. In addition, the PCB
layout for the sense resistors and power MOSFETs should
include good thermal management techniques for opti-
mal device power dissipation. Small resistances add up
quickly in high current applications. Note that 1oz copper
exhibits a sheet resistance of about 530µΩ/square. The
minimum trace width for 1oz copper is 0.02" per amp
(0.5mm per amp) to make sure the trace stays at a rea-
sonable temperature. Using 0.03” per amp (0.8mm per
amp) is recommended.
To improve noise immunity, put the OV, UVR, UVF resis-
tive dividers close to the LTC4421 and keep traces to GND
pin and the input supply pin short. It is also important to
put CINTVCC, the bypass capacitor for the INTVCC pin, as
close as possible between INTVCC and GND. Place CCPO,
the charge pump reservoir capacitor, as close as possible
between the CPO and CPOREF pins. Transient voltage sup-
pressors D1 and D2 are located close to the LTC4421 and
are connected between the input supply and ground using
wide traces. Figure 15 shows a recommended PCB layout
for a 2-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com