Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 2Page - Analog Devices LTC4413 Datasheet HTML 3Page - Analog Devices LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC4421
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
GATE Drive Voltage vs CPOREF
Voltage
INTVCC Voltage vs EXTVCC Voltage
SENSE Voltage vs Temperature
Undervoltage Threshold vs
Temperature
Overvoltage Thresholds vs
Temperature
Total Supply Current vs EXTVCC
Voltage
GATE On Pull-Up Current vs GATE
Voltage
TA = 25°C, EXTVCC = 11V, unless otherwise noted.
Shutdown Current vs EXTVCC
Voltage (V1 = 12V, V2 = 13V)
Supply Current vs EXTVCC Voltage
(V1 = 12V, V2 = 13V)
0
2
4
6
8
10
12
CPOREF VOLTAGE (V)
7
8
9
10
11
12
13
4421 G01
TRANSITION TO
Burst Mode OPERATION
EXTVCC = 3.0
EXTVCC ≥ 4.0
2
3
4
5
6
EXTVCC VOLTAGE (V)
2
3
4
5
6
4421 G02
INTVCC, RLOAD = 10k
INTVCC, NO LOAD
EXTVCC
−50 −25
0
25
50
75
100 125
TEMPERATURE (°C)
23
24
25
26
27
4421 G03
−50 −25
0
25
50
75
100 125
TEMPERATURE (°C)
0.490
0.495
0.500
0.505
0.510
4421 G04
−50 −25
0
25
50
75
100 125
TEMPERATURE (°C)
0.425
0.450
0.475
0.500
0.525
4421 G05
RISING
FALLING
0
5
10
15
20
25
30
EXTVCC VOLTAGE (V)
400
450
500
550
600
650
700
4421 G06
T = 25°C
T = 125°C
T = −40°C
0
2
4
6
8
10
12
GATE-OUT VOLTAGE (V)
−20
−15
−10
−5
0
4421 G07
SENSE = 0mV
SENSE = 6.25mV
SENSE = 12.5mV
SENSE = 18.75mV
0
5
10
15
20
25
30
EXTVCC VOLTAGE (V)
0
1
2
3
4
5
6
4421 G08
V1 + V2 + EXTVCC
EXTVCC
V1
V2
0
5
10
15
20
25
30
EXTVCC VOLTAGE (V)
0
100
200
300
400
500
4421 G09
(V1=12V, V2=13V)
V1 + V2 + EXTVCC
EXTVCC
V1
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com