Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 24Page - Analog Devices LTC4413 Datasheet HTML 25Page - Analog Devices LTC4413 Datasheet HTML 26Page - Analog Devices LTC4413 Datasheet HTML 27Page - Analog Devices LTC4413 Datasheet HTML 28Page - Analog Devices LTC4413 Datasheet HTML 29Page - Analog Devices LTC4413 Datasheet HTML 30Page - Analog Devices LTC4413 Datasheet HTML 31Page - Analog Devices LTC4413 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC4421
28
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
M1
PSMN4R060YS
M2
PSMN1R440YLD 2.5m
RSENSE1
CCPO
1µF
COUT
220µF
ILOAD
R1
35.7k
R2
12.7k
R3
20k
R4
1M
CG1
47nF
GATE1 SOURCE1
CPO
CPOREF
UVF1
V1
UVR1
OV1
SENSE1 OUT1
VOUT
VIN
LTC4421 F16
KELVIN
GND
LTC4421
Figure 16. Preventing Input Hold-Up During Unplug Events with a Staggered
Connector to Decouple OV and UV Pins from VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com