Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 23Page - Analog Devices LTC4413 Datasheet HTML 24Page - Analog Devices LTC4413 Datasheet HTML 25Page - Analog Devices LTC4413 Datasheet HTML 26Page - Analog Devices LTC4413 Datasheet HTML 27Page - Analog Devices LTC4413 Datasheet HTML 28Page - Analog Devices LTC4413 Datasheet HTML 29Page - Analog Devices LTC4413 Datasheet HTML 30Page - Analog Devices LTC4413 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC4421
27
Rev. 0
For more information www.analog.com
Preventing Input Hold-Up During Unplug Events
Figure 16 includes a backplane connector with a kelvin
sense. The resistive divider network that sets the OV
and UV thresholds is connected to the kelvin sense.
Disconnecting the supply powering V1 causes a nearly
immediate UV fault, because there is no hold-up capaci-
tance on the OV1, UVF1 or UVR1 pins. The output volt-
age discharges minimally before the UV fault occurs, as
the output discharge rate is very slow compared to the
UV fault time. Without a kelvin sense connection, upon
input supply disconnection the resistive divider would
stay connected to the drain of M1. The output, OV1, UVF1
and UVR1 pin voltages would all fall at the rate dictated
by the output discharge, and the channel would not be
disconnected until the output voltage dropped below the
UVF1 threshold voltage.
APPLICATIONS INFORMATION
SOA Doubler
Multiple LTC4421’s can be used to control parallel MOSFET
pathwaysfromeachinputtotheoutput,asshowninFigure 17.
This is valuable in very high current applications to cut the
SOA and load current carrying burdens of each MOSFET in
half. LTC4421 #1 acts as a master and performs all monitor-
ing functions, including OV, UV, fault and reverse current. After
LTC4421 #2 drives the VALID12 and VALID22 signals low to
indicate that it has successfully powered up, it acts as a slave
to LTC4421 #1, turning its external MOSFETs on and off at
LTC4421 #1’s command. Connecting LTC4421 #1’s CH1 and
CH2 outputs through inverters U3 and U4 to LTC4421 #2’s
DISABLE1 and DISABLE2 inputs, respectively, synchronizes
channel turn-on and turn-off of the two LTC4421’s. NOR gates
U1 and U2 prevent LTC4421 #1 from turning on its MOSFETs
until LTC4421 #2’s inputs are validated. This ensures that
LTC4421 #1 never turns on its MOSFETs when LTC4421 #2
is unable to turn on its MOSFETs.
Figure 15. Recommended 2-Layer PCB Layout
GATE1
UVF1
UVR1
UVR2
UVF2
V2
GATE2
SOURCE1
SOURCE2
1
2
4
5
11
12
13
14
15
24
25
27
28
32
33
34
35
36
37
FROM V1
INPUT SOURCE
M1
M2
17
18
29
30
TMR1
DISABLE1
CH1
VALID1
OV1
6
7
8
9
10
VALID2
CH2
DISABLE2
TMR2
OV2
19
20
21
22
23
RSENSE1
RSN1
CSN1
RSN2
CSN2
0.03" PER
AMPERE
D1
TRANSIENT
VOLTAGE
SUPPRESSOR
R2
CCPO
CTMR1
CINTVCC
GND
GND
LTC4421 F15
NOT TO SCALE
G
FROM V2
INPUT SOURCE
M3
M4
RSENSE2
0.03" PER
AMPERE
D2
TRANSIENT
VOLTAGE
SUPPRESSOR
CTMR2
Layer 1
Layer 2
VOUT
METAL
D
S
G
S
G
D
D
S
G
S
D
3
V1
26
R2
R4
R7
R1
R5
R6
R8
R3
16
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com