Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 19Page - Analog Devices LTC4413 Datasheet HTML 20Page - Analog Devices LTC4413 Datasheet HTML 21Page - Analog Devices LTC4413 Datasheet HTML 22Page - Analog Devices LTC4413 Datasheet HTML 23Page - Analog Devices LTC4413 Datasheet HTML 24Page - Analog Devices LTC4413 Datasheet HTML 25Page - Analog Devices LTC4413 Datasheet HTML 26Page - Analog Devices LTC4413 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC4421
23
Rev. 0
For more information www.analog.com
across the sense resistor exceeds 30mV, the LTC4421
sinks 50mA from the GATE pin of the shorted channel to
turn off the N-Channel MOSFETs, thereby disconnecting
the input from the output. Assuming the input is still valid,
reconnection occurs when the output voltage drops 35mV
below the input.
When the output is shorted to ground, the voltage across
the sense resistor may exceed 25mV until the current
limit loop enters regulation. When the forward voltage
across the sense resistors exceeds 50mV, the LTC4421
sinks 50mA from the GATE pin to quickly reduce the VGS
of the N-Channel MOSFETs. The 50mA sink current is
turned off when the voltage across the sense resistor falls
below 25mV.
When the output is shorted to ground, the current limit
circuitry will regulate the current to ILIM. When the cur-
rent limit circuitry has been engaged for longer than the
time set by the TMR pin, a current limit fault is registered.
The input is disconnected from the output, and FAULT is
driven low.
For large input and output inductances, rapid changes
in current during short circuit events and channel turn-
off can cause transient voltages that exceed the Absolute
Maximum ratings of the input and output pins and/or vio-
late the BVDSS limits of the external MOSFETs. To minimize
APPLICATIONS INFORMATION
such transients, use wider PCB traces and heavier trace
plating to reduce power trace inductance. External to
the PCB, twist the power and ground wires together to
minimize inductance. Although the input snubber helps
dissipate the input inductive energy at channel turn-off,
transient voltage suppressor (TVS) D1 is still needed to
clamp the peak input voltage, as shown in Figure 12.
When selecting transient voltage suppressors, ensure the
reverse standoff voltage (VR) is equal to or greater than
the application operating voltage, the peak pulse current
(IPP) is higher than the peak transient voltage divided by
the source impedance, and the maximum clamping volt-
age (VCLAMP) at the rated IPP is less than the Absolute
Maximum ratings of the LTC4421 and the BVDSS of the
external MOSFETs. The LTC4421’s Absolute Maximum
Voltage Ratings of V1 and V2 allow it to withstand supply
side inductive voltage spikes up to 60V. A range of TVS’s
can be used accommodating VR ratings up to 36V and
VCLAMP ratings up to 60V.
Cascading
Multiple LTC4421’s can be cascaded to prioritize more
than two input supplies. To prioritize three or four sup-
plies, use two LTC4421’s with their OUT pins connected
together, and connect CASOUT of the higher priority
M1
PSMN4R060YS
M2
PSMN1R440YLD 2.5m
RSENSE
CG1
47nF
RSN
CSN
COUT1
220µF
D1
SMDJ36A
VOUT
V1
INPUT
PARASITIC
INDUCTANCE
LTC4421 F12
GATE1 SOURCE1
V1
SENSE1 OUT1
LTC4421
Figure 12. Supply Voltage Transient Suppression Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com