Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices LTC4413 Datasheet HTML 15Page - Analog Devices LTC4413 Datasheet HTML 16Page - Analog Devices LTC4413 Datasheet HTML 17Page - Analog Devices LTC4413 Datasheet HTML 18Page - Analog Devices LTC4413 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC4421
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Current Limit Regulation and Setting the Current Limit
The LTC4421 provides independently settable current limit
values for each input. On a given channel, the LTC4421
regulates the maximum voltage across the SENSE and
OUT pins to 25mV (ΔVSNS). Connect a sense resistor
RSENSE between SENSE and OUT to set the current limit
value ILIM, is given by Equation 6.
I
LIM =
25mV
R
SENSE
(6)
Ensure the input supply is capable of sourcing more cur-
rent than ILIM, so that the input supply does not drop out
and cause UV motorboating. Use standard 1% resistor
values and choose RSENSE to set ILIM at least 25% higher
than the maximum output load current ILOAD(MAX) to
account for tolerances in the current limit and to provide
sufficient charging current to the output capacitor when
charging the output.
ILIM and COUT set the rate at which the output voltage
will rise.
The minimum output rise rate is shown by Equation 7.
dV
OUT
dt
(min) =
I
LIM – ILOAD(MAX)
(
)
C
OUT
(7)
Equation 7 assumes that the output voltage is charging
under maximum output load current conditions, so that
only the difference between the programmed current limit
current and the maximum DC load current is available to
charge COUT. It is essential to set ILIM to ensure that
the output is fully charged before an overcurrent fault
timeout occurs.
The LTC4421 implements a stepped current limit foldback
feature. A foldback comparator monitors the voltage on the
OUT1 pin and reduces the current limit regulation voltage
from 25mV (ΔVSNS) to 12.5mV (ΔVSNS,FLD) for low OUT1
voltages, thereby cutting the current limit in half to reduce
power consumption. The comparator rising and falling
threshold voltages are 460mV (VFLD,TH) and 410mV, respec-
tively. When the OUT1 voltage is initially being powered up
from 0V, the current limit regulation voltage is 12.5mV until
OUT1 rises above 460mV, at which point it is increased
to 25mV. For output voltages below 460mV, ensure the
maximum output load current is lower than the foldback
current limit to ensure the output powers up. When the
OUT1 voltage is initially powered and then discharges, for
example due to an input or output short circuit, the current
limit regulation voltage will be 25mV until OUT1 drops below
410mV, at which point it is reduced to 12.5mV.
Use Kelvin connections from the RSENSE terminals to
the LTC4421’s SENSE and OUT pins for best accuracy.
Choose sense resistors having low inductance to mini-
mize the sense resistor’s impact on the current limit regu-
lation loop stability. A single sense resistor can be used if
the current limit is the same on both channels, as shown
in Figure 3.
Figure 3. Using a Single Sense Resistor RSENSE to Set the Same Current Limit for Both Channels
M1
PSMN4R060YS
M2
PSMN1R440YLD
M3
PSMN4R060YS
M4
PSMN1R440YLD
CCPO
1µF
2.5m
RSENSE
CG2
LTC4421 F03
CG1
47nF
CPO
CPOREF
VOUT
V1
V2
GATE1 SOURCE1
V1
SENSE2 OUT1
LTC4421
V2 GATE2 SOURCE2
SENSE1
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com