Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices LTC4413 Datasheet HTML 15Page - Analog Devices LTC4413 Datasheet HTML 16Page - Analog Devices LTC4413 Datasheet HTML 17Page - Analog Devices LTC4413 Datasheet HTML 18Page - Analog Devices LTC4413 Datasheet HTML 19Page - Analog Devices LTC4413 Datasheet HTML 20Page - Analog Devices LTC4413 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC4421
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
when initially charging the output from 0V, so that
ILOAD,CHG = 0. The application circuit in Figure 5 utilizes
an LTC2965 voltage monitor on the output to disable the
output DC/DC converter until VOUT rises above 9V. Once
VOUT rises above 9V, the DC/DC remains enabled until
VOUT drops below 1V.
N-Channel MOSFET Selection
The LTC4421 drives N-Channel MOSFETs to conduct or
block current from an input supply voltage and an output
load current. The important features of the MOSFETs are:
1. BVDSS, the absolute maximum drain-source
voltage
2. VGS,MAX, the absolute maximum VGS voltage
3. VGS(TH), the threshold voltage
4. RDS(ON), the on-resistance
5. SOA, the safe operating area
The maximum allowable drain-source voltage, BVDSS,
must be higher than all supply voltages, as there are vari-
ous scenarios where the output voltage can be at the high-
est supply voltage when the input is at 0V, and vice versa.
Additionally, it must be higher than the clamping voltage
of Transient Voltage Suppressor (TVS) diodes D1 and D2.
Supplies with high input parasitic inductance may require
additional precautions. See the Input and Output Short
Circuits and Supply Transient Protection section for more
Figure 5. Load Current Hold Off. The LTC2965 Voltage Monitor Disables the DC/DC Output Load Current Until VOUT > 9V
M1
SiR158DP
M2
SiR158DP
2.5m
RSENSE1
CCP0
1µF
COUT
220µF
RTH3
619k
RTH2
332k
RTH1
42.2k
CPO
CPOREF
CG1
47nF
VOUT
V1
LTC4421
12V
VIN
INH
INL
PS RS
OUT
GND
LTC2965
DC/DC
ENABLE
LTC4421 F05
REF
GATE1
SOURCE1
V1
SENSE1 OUT1
information. Choose MOSFETs having VGS,MAX = ±20V, to
handle the LTC4421’s 14V maximum gate drive voltage.
When the back-to-back MOSFETs turn on and conduct
current to the output, large drain-source voltages can
occur on the input side MOSFET as the output is charg-
ing. However, the drain-source voltage of the output side
MOSFET is limited to about 1V due to the body diode turn-
ing on, so the output side MOSFET is always in triode. As
a result, the input side MOSFET has much more stringent
SOA requirements. A MOSFET with lower SOA and lower
VGS(TH) can be used on the output side to minimize power
loss in that MOSFET.
The chosen MOSFET must be able to withstand an out-
put short circuit for longer than tTMR,FLT. During output
shorts, the LTC4421 regulates the short-circuit current
using its current limit regulation circuitry and runs the
overcurrent fault timer. When the short persists longer
than the programmed tTMR,FLT time, the LTC4421 turns
off the MOSFETs. The worst-case occurs when the out-
put is resistively shorted and the output voltage, VSHORT,
remains above the foldback comparator falling threshold
voltage, which is 410mV. In this case, the power during
the short circuit is given in Equation 11.
POWER ≈ V
IN • ILIM =
V
IN • 25mV
(
)
R
SENSE
(11)
where VIN is in the input voltage and VIN >> VSHORT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com