Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC4421
10
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
6.7V/5.3V
V1
ON1
0.5V/0.45V
0.5V
CH2OFF
V1
V2
1.211V
BGGOOD
1V/0.85V
CH1OFF
FAULT1
1V/0.85V
HYS
1V/0.85V
1V/0.85V
CH1OFF
CH2OFF
2.4V/2.3V
INTVCC
CPO
INTVCC
POR
INTVCC
OUT1
OUT1
0.46V/
0.41V
1.3V
0.8V
ON1
VALID1
VREV
35mV
0.6V
25mV/12.5mV
GATE
DRIVER
+ILIM
M1
M2
20µA
ICAS
D1
M12
NMOS
0.6V
5µA
ISRC
M5
I1
2µA
I2
8µA
VSNSREV
25mV
REV
CP
Q
RD
S
VGSOFF
CP'S
ILIM
AMP
CHANNEL 1
CHANNEL 2
OV1
UVF1
UVR1
DISABLE1
TMR1
QUAL
RETRY
SHDN
EXTVCC
CASIN
V1
GATE1
SOURCE1
VALID1
SENSE1
OUT1
FAULT1
CH2
GND
INTVCC
CASOUT
LTC4421 BD
CPOREF
CPO
BG
VMAX OF 4
CASCADE
LOGIC
OV, UV
TIMER
CONNECT
LOGIC
CURRENT
LIMIT
LOGIC
COOL
DOWN
COUNTER
CHANNEL
OFF
SENSE2
FAULT2
OUT2
UVR2
UVF2
DISABLE2
OV2
GATE2
SOURCE2
V2
VALID2
TMR2
PRIORITIZED
3.9V
REGULATOR
CH1
OV CP
UV CP
FOLDBACK
CP
1
2
3
4
INTVCC
DIS CP
REVCUR
CP
SHUTDOWN CP
CASCADE CP
INTVCC GOOD CP
RETRY CP
CPOGOOD CP
CHARGE
PUMP/LDO
f = 2MHz
VMAX
OF 2
INTVCC
5A
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com