Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices LTC4413 Datasheet HTML 14Page - Analog Devices LTC4413 Datasheet HTML 15Page - Analog Devices LTC4413 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC4421
12
Rev. 0
For more information www.analog.com
The current limit amplifier (ILIM AMP) monitors the load
current using the difference between the SENSE and OUT
pin voltages. The amplifier and gate driver work together
to limit the current in the load by reducing the GATE-to-
SOURCE voltage in an active control loop. The SENSE-to-
OUT differential voltage is regulated to 25mV (ΔVSNS). An
external sense resistor placed between SENSE and OUT
sets the current limit value for each channel. Foldback
comparator (FOLDBACK CP) reduces the SENSE-to-
OUT differential voltage from 25mV (ΔVSNS) to 12.5mV
(ΔVSNS,FLD) to conserve power when the OUT1 voltage is
low. The foldback comparator’s rising and falling thresh-
old voltages are 460mV and 410mV, respectively. If the
SENSE–OUT voltage on a channel remains in current limit
for the time programmed by the TMR pin, the LTC4421
registers a current limit fault. Additionally, pulsed output
load currents exceeding current limit and occurring at
duty cycles of 25% or higher will integrate over time and
cause a current limit fault.
When a current limit fault occurs, the LTC4421 discon-
nects the channel and drives the FAULT pin low to indicate
that a current limit fault has occurred. After a current
fault occurs, driving DISABLE low initiates a cool down
period that is 1024 times longer than the time-out period.
Driving DISABLE back high terminates the cool-down
period, resets FAULT high and allows reconnection to the
output. Alternatively, if RETRY and DISABLE are both high
when a current limit fault occurs, the LTC4421 will try
to reconnect up to 6 additional times after the first fault,
with a cool-down period between attempted connections
that is 1024 times longer than the current limit fault time.
Driving DISABLE1 and DISABLE2 low disconnects V1 and
V2, respectively, from powering the output. The CASIN
OPERATION
and CASOUT pins of multiple LTC4421’s can be config-
ured to prioritize as many input supplies as desired. The
DISABLE1, DISABLE2 and CASIN inputs are connected
to comparators having 1V (VTH) threshold and 150mV
(VTH,HYST) hysteresis. See the Applications Information
section for circuits that use the DISABLE, FAULT2 and
VALID2 pins to redefine input supply priorities in real time
and to prevent the primary input from powering the output
until a valid back-up supply is available.
Driving SHDN low causes the device to turn off the exter-
nal N-Channel MOSFETs, enter a low current state and
invalidate V1 and V2. All circuitry is debiased except the
INTVCC rail generator and shutdown comparator. The total
internal bias current is reduced dramatically to 6µA to
conserve power. The INTVCC voltage is reduced to 3V and
is powered from the highest of the V1, V2, EXTVCC and
OUT1 voltages. The CASOUT pin is driven high to allow
a lower priority LTC4421 in a cascading application to
power VOUT.
When SHDN is driven high, the LTC4421 reactivates all
circuits. It may take several hundred milliseconds for a
valid input to connect to the output, because the external
charge pump capacitor CCPO must charge to 6.7V before
connection is allowed.
The LTC4421 includes its own internally generated low
voltage rail (INTVCC) that provides power to the low volt-
age sections of the device. Because most of the device’s
quiescent current is provided by INTVCC, the INTVCC
power source is prioritized to minimize current draw from
lower priority sources. The INTVCC rail is powered from
one of 4 prioritized sources. These sources in order of
priority are EXTVCC, V1 and V2. If none of these three
inputs is valid, INTVCC is powered by the highest of the
V1, V2, EXTVCC and OUT1 voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com