Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 57 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 57 Page - ams AG

Back Button AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG AS3911 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 159 page
background image
ams Datasheet
Page 57
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Mask Receive Data and Unmask Receive Data
After the direct command Mask Receive Data the signal rx_on,
which enables the RSSI and AGC operation of the Receiver (see
also Receiver) is forced to low, processing of the receiver output
by the receive data framing block is disabled. This command is
useful to mask receiver and receive framing from processing
the data when there is actually no input and only a noise would
be processed (for example in case where a transponder
processing time after receiving a command from the reader is
long). Masking of receive is also possible using Mask Receive
Timer. Actual masking is a logical or of the two mask receive
processes.
The direct command Unmask Receive Data is enabling normal
processing of the received data (signal rx_on is set high to
enable the RSSI and AGC operation), the receive data framing
block is enabled. A common use of this command is to enable
again the receiver operation after it was masked by the
command Mask Receive Data. In case Mask Receive Timer is
running while command Unmask Receive Data is received,
reception is enabled, Mask Receive Timer is reset.
The commands Mask Receive Data and Unmask Receive Data
are only accepted when the Receiver is enabled (bit rx_en is set).
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Measure Amplitude
This command measures the amplitude on the RFI inputs and
stores result in the A/D Converter Output Register.
When this command is executed the Transmitter and Amplitude
Detector are enabled, the output of the Amplitude Detector is
multiplexed to the A/D Converter input (the A/D Converter is
in absolute mode). The Amplitude Detector conversion gain is
0.6 VINPP/ VOUT. One LSB of the A/D converter output represents
13.02 mVpp on the RFI inputs. A 3 Vpp signal, which is maximum
allowed level on each of the two RFI inputs, results in 1.8 V
output DC voltage and would produce a value of 1110 0110b
on the A/D converter output.
Duration time: 25 μs max.
Address 0Ch: Receiver Configuration Register 3
1lim
Clip output of 1st and 2nd stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
0rg_nfc
Forces gain reduction in 2nd and 3rd gain stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
Bit
Bit Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com