Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 37 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 37 Page - ams AG

Back Button AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG AS3911 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 159 page
background image
ams Datasheet
Page 37
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
VSP_RF Regulator
The intention of this regulator is to improve PSRR of the
Transmitter (the noise of the Transmitter power supply is
emitted and fed back to the Receiver). The VSP_RF regulator
operation is controlled and observed by writing and reading
two regulator registers:
• Regulator Voltage Control Register controls the regulator
mode and regulated voltage. Bit reg_s controls regulator
mode. In case it is set to 0 (default state) the regulated
voltage is set using direct command Adjust Regulators.
When bit reg_s is asserted to 1 regulated voltage is defined
by bits rege_3 to rege_1 of the same register. The regulated
voltage adjustment range depends on the power supply
mode. In case of 5V supply mode the adjustment range is
between 3.9V and 5.1 V in steps of 120 mV, in case of 3.3V
supply mode the adjustment range is from 2.4V to 3.4V
with steps of 100mV. Default regulated voltage is the
maximum one (5.1V and 3.4V in case of 5V and 3.3V supply
mode respectively).
• Regulator and Timer Display Register is a read only register
which displays actual regulated voltage when regulator is
operating. It is especially useful in case of automatic mode,
since the actual regulated voltage, which is result of direct
command Adjust Regulators, can be observed.
The VSP_RF regulator also includes a current limiter which limits
the regulator current to 200mArms in normal operation (500mA
in case of short). In case the Transmitter output current higher
the 300mArms is required VSP_RF regulator cannot be used to
supply the Transmitter, VSP_RF has to be externally connected
to VDD (connection of VSP_RF to supply voltage higher than VDD
is not allowed).
The voltage drop of the Transmitter current is the main source
of the AS3911 power dissipation. This voltage drop is composed
of drop in the Transmitter driver and in the drop on VSP_RF
regulator. Due to this it is recommended to set regulated
voltage using direct command Adjust Regulators. It results in
good power supply rejection ration with relatively low
dissipated power due to regulator voltage drop.
In Power-down mode the VSP_RF regulator is not operating.
VSP_RF pin is connected to VDD through 1 kΩ resistor.
Connection through resistors assures smooth power-up of the
system and a smooth transition from Power-down mode to
other operating modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com