Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 68 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 68 Page - ams AG

Back Button AS3911 Datasheet HTML 64Page - ams AG AS3911 Datasheet HTML 65Page - ams AG AS3911 Datasheet HTML 66Page - ams AG AS3911 Datasheet HTML 67Page - ams AG AS3911 Datasheet HTML 68Page - ams AG AS3911 Datasheet HTML 69Page - ams AG AS3911 Datasheet HTML 70Page - ams AG AS3911 Datasheet HTML 71Page - ams AG AS3911 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 159 page
background image
Page 68
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
IO Configuration Register 2
Figure 44:
IO Configuration Register 2
Note(s):
1. Default setting is set at power-up only.
Address 01h: IO Configuration Register 2
Type: RW
Bit
Name
Default
Function
Comments
7sup3 V
0
0: 5 V supply
1: 3.3 V supply
5 V supply, range: 4.1 V to 5.5 V
3.3 V supply, range: 2.4 V to 3.6 V
min. 3.0V for VHBR
6vspd_off
0
1: Disable VSP_D regulator
Used for low cost applications.
When this bit is set:
At 3 V or 5 V supply VSP_D and
VSP_A shall be shorted
externally
At 3.3 V applications VSP_D can
alternatively be supplied from
VDD in case VSP_A is not more
than 300 mV lower then VDD
5Not used
4miso_pd2
0
1: Pull-down on MISO, when /SS is
low and MISO is not driven by the
AS3911
3miso_pd1
0
1: Pull-down on MISO when /SS is
high
2io_18
0
1: Increase MISO driving level in case
of 1.8 V VDD_IO
1Not used
0slow_up
0
1: Slow ramp at Tx on
≥ 10μs 10% to 90%, for B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com