Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 65 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 65 Page - ams AG

Back Button AS3911 Datasheet HTML 61Page - ams AG AS3911 Datasheet HTML 62Page - ams AG AS3911 Datasheet HTML 63Page - ams AG AS3911 Datasheet HTML 64Page - ams AG AS3911 Datasheet HTML 65Page - ams AG AS3911 Datasheet HTML 66Page - ams AG AS3911 Datasheet HTML 67Page - ams AG AS3911 Datasheet HTML 68Page - ams AG AS3911 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 159 page
background image
ams Datasheet
Page 65
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Antenna Calibration Registers
21
Antenna Calibration Control Register
RW
22
Antenna Calibration Target Register
RW
23
Antenna Calibration Display Register
R
AM Modulation Depth and Antenna Driver Registers
24
AM Modulation Depth Control Register
RW
25
AM Modulation Depth Display Register
R
26
RFO AM Modulated Level Definition
Register
RW
27
RFO Normal Level Definition Register
RW
External Field Detector Threshold Registers
29
External Field Detector Threshold
Register
RW
Regulator Registers
2A
Regulator Voltage Control Register
RW
2B
Regulator and Timer Display Register
R
Receiver State Display Registers
2C
RSSI Display Register
R
2D
Gain Reduction State Register
R
Capacitive Sensor Registers
2E
Capacitive Sensor Control Register
RW
2F
Capacitive Sensor Display Register
R
Auxiliary Display Register
30
Auxiliary Display Register
R
Address [hex]
Content
Comment
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com