Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 86 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 86 Page - ams AG

Back Button AS3911 Datasheet HTML 82Page - ams AG AS3911 Datasheet HTML 83Page - ams AG AS3911 Datasheet HTML 84Page - ams AG AS3911 Datasheet HTML 85Page - ams AG AS3911 Datasheet HTML 86Page - ams AG AS3911 Datasheet HTML 87Page - ams AG AS3911 Datasheet HTML 88Page - ams AG AS3911 Datasheet HTML 89Page - ams AG AS3911 Datasheet HTML 90Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 159 page
background image
Page 86
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Note(s):
1. Default setting is set at power-up and after Set Default command.
General Purpose and No-Response Timer Control
Register
Figure 67:
General Purpose and No-Response Timer Control Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
Figure 68:
Timer Trigger Source
Address 11h: General Purpose and No-Response Timer
Control Register
Type: RW
Bit
Name
Default
Function
Comments
7gptc2
0
Defines the timer trigger source.
Refer to Timer Trigger Source.
6gptc1
0
5gptc0
0
40
30
20
1nrt_emv
0
1: EMV mode of No-response timer
0nrt_step
0
0: 64/fc
1: 4096/fc
Selects the No-response timer step.
Timer Trigger Source
gptc2
gptc1
gptc0
Trigger Source
00
0
No trigger source, start only with direct command Start General
Purpose Timer.
0
0
1
End of Rx (after EOF)
01
0
Start of Rx
01
1
End of Tx in NFC mode, when General Purpose Timer expires the field is
switched off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com