Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 87 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 87 Page - ams AG

Back Button AS3911 Datasheet HTML 83Page - ams AG AS3911 Datasheet HTML 84Page - ams AG AS3911 Datasheet HTML 85Page - ams AG AS3911 Datasheet HTML 86Page - ams AG AS3911 Datasheet HTML 87Page - ams AG AS3911 Datasheet HTML 88Page - ams AG AS3911 Datasheet HTML 89Page - ams AG AS3911 Datasheet HTML 90Page - ams AG AS3911 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 159 page
background image
ams Datasheet
Page 87
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
General Purpose Timer Register 1
Figure 69:
General Purpose Timer Register 1
Note(s):
1. Default setting is set at power-up and after Set Default command.
10
0
Not used
10
1
11
0
11
1
Address 12h: General Purpose Timer Register 1
Type: RW
Bit
Name
Default
Function
Comments
7gpt15
General purpose timeout
definition MSB bits
Defined in steps of 8/fc (590 ns)
Range from 590 ns to 38.7 ms
6gpt14
5gpt13
4gpt12
3gpt11
2gpt10
1gpt9
0gpt8
Timer Trigger Source
gptc2
gptc1
gptc0
Trigger Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com