Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 81 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 81 Page - ams AG

Back Button AS3911 Datasheet HTML 77Page - ams AG AS3911 Datasheet HTML 78Page - ams AG AS3911 Datasheet HTML 79Page - ams AG AS3911 Datasheet HTML 80Page - ams AG AS3911 Datasheet HTML 81Page - ams AG AS3911 Datasheet HTML 82Page - ams AG AS3911 Datasheet HTML 83Page - ams AG AS3911 Datasheet HTML 84Page - ams AG AS3911 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 159 page
background image
ams Datasheet
Page 81
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Receiver Configuration Register 2
Figure 61:
Receiver Configuration Register 2
Note(s):
1. Default setting is set at power-up and after Set Default command.
Address 0Bh: Receiver Configuration Register 2
Type: RW
Bit
Name
Default
Function
Comments
7rx_lp
0
1: Low power receiver operation
6lf_op
0
0: Differential LF operation
1: LF input split (RFI1 to AM
channel, RFI2 to PM channel)
5lf_en
0
1: LF signal on receiver input
4agc_en
1
1: AGC is enabled
3agc_m
1
0: AGC operates on first eight
sub-carrier pulses
1: AGC operates during
complete receive period
2agc_alg
0
0: Algorithm with preset is used
1: Algorithm with reset is used
Algorithm with preset is recommended
for protocols with short SOF (like
ISO14443A fc/128)
1sqm_dyn
1
1: Automatic squelch activation
after end of Tx
Activated 18.88 μs after end of Tx,
terminated with Mask Receive timer
expire
0
pmix_cl
0
0: RFO
1: Internal signal
PM demodulator mixer clock source, in
single mode internal signal is always used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com