Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 90 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 90 Page - ams AG

Back Button AS3911 Datasheet HTML 86Page - ams AG AS3911 Datasheet HTML 87Page - ams AG AS3911 Datasheet HTML 88Page - ams AG AS3911 Datasheet HTML 89Page - ams AG AS3911 Datasheet HTML 90Page - ams AG AS3911 Datasheet HTML 91Page - ams AG AS3911 Datasheet HTML 92Page - ams AG AS3911 Datasheet HTML 93Page - ams AG AS3911 Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 159 page
background image
Page 90
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Mask Error and Wake-Up Interrupt Register
Figure 73:
Mask Error and Wake-Up Interrupt Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
Address 16h: Mask Error and Wake-Up Interrupt Register
Type: RW
Bit
Name
Default
Function
Comments
7
M_crc
0
Mask IRQ due to CRC error
6
M_par
0
Mask IRQ due to parity error
5
M_err2
0
Mask IRQ due to soft framing
error
4
M_err1
0
Mask IRQ due to hard framing
error
3M_wt
0
Mask IRQ due to wake-up
interrupt
2M_wam
0
Mask Wake-up interrupt due to
Amplitude Measurement
1M_wph
0
Mask Wake-up interrupt due to
Phase Measurement.
0M_wcap
0
Mask Wake-up interrupt due to
Capacitance Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com