Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 80 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 80 Page - ams AG

Back Button AS3911 Datasheet HTML 76Page - ams AG AS3911 Datasheet HTML 77Page - ams AG AS3911 Datasheet HTML 78Page - ams AG AS3911 Datasheet HTML 79Page - ams AG AS3911 Datasheet HTML 80Page - ams AG AS3911 Datasheet HTML 81Page - ams AG AS3911 Datasheet HTML 82Page - ams AG AS3911 Datasheet HTML 83Page - ams AG AS3911 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 159 page
background image
Page 80
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Receiver Configuration Register 1
Figure 60:
Receiver Configuration Register 1
Note(s):
1. Default setting is set at power-up and after Set Default command.
Address 0Ah: Receiver Configuration Register 1 (Filter
and Demodulator Settings)
Type: RW
Bit
Name
Default
Function
Comments
7ch_sel
0
0: Enable AM channel
1: Enable PM channel
In case only one Rx channel is
enabled in the Operation Control
Register it defines which channel is
enabled.
In case both channels are enabled
and manual channel selection is
active, it defines which channel is
used for receive framing.
6amd_sel
0
0: Peak detector
1: Mixer
AM demodulator type select,
VHBR automatic preset to mixer
5lp2
0
Low pass control
(see Figure 15)
For automatic and other
recommended filter settings, refer
to Figure 17.
4lp1
0
3lp0
0
2
h200
0
First and third stage zero
setting
(see Figure 16)
1h80
0
0z12k
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com