Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 67 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 67 Page - ams AG

Back Button AS3911 Datasheet HTML 63Page - ams AG AS3911 Datasheet HTML 64Page - ams AG AS3911 Datasheet HTML 65Page - ams AG AS3911 Datasheet HTML 66Page - ams AG AS3911 Datasheet HTML 67Page - ams AG AS3911 Datasheet HTML 68Page - ams AG AS3911 Datasheet HTML 69Page - ams AG AS3911 Datasheet HTML 70Page - ams AG AS3911 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 159 page
background image
ams Datasheet
Page 67
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
IO Configuration Register 1
Figure 43:
IO Configuration Register 1
Note(s):
1. Default setting is set at power-up only.
Address 00h: IO Configuration Register 1
Type: RW
Bit
Name
Default
Function
Comments
7single
0
1: Only one RFO driver will be
used
Choose between single and
differential driving of antenna
6rfo2
0
0: RFO1, RFI1
1: RFO2, RFI2
Choose which output driver and
which input will be used in case of
single driving
5fifo_lr
0
0: 64
1: 80
FIFO water level for receive
4fifo_lt
0
0: 32
1: 16
FIFO water level for transmit
3osc
1
0: 13.56 MHz Xtal
1: 27.12 MHz Xtal
Selector for crystal oscillator
Use of VHBR is only possible with
27.12 MHz Xtal
2out_cl1
0
out_cl
1
out_cl
0
MCU_CL
K
Selection of clock frequency on
MCU_CLK output in case Xtal
oscillator is running. In case of “11”
MCU_CLK output is permanently
low.
0
0
3.39 MHZ
0
1
6.78 MHZ
1out_cl0
0
1
0
13.56 MHZ
11
disabled
0lf_clk_off
0
1: No LF clock on MCU_CLK
By default the 32 kHz LF clock is
present on MCU_CLK output when
Xtal oscillator is not running and
the MCU_CLK output is not
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com