Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 96 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 96 Page - ams AG

Back Button AS3911 Datasheet HTML 92Page - ams AG AS3911 Datasheet HTML 93Page - ams AG AS3911 Datasheet HTML 94Page - ams AG AS3911 Datasheet HTML 95Page - ams AG AS3911 Datasheet HTML 96Page - ams AG AS3911 Datasheet HTML 97Page - ams AG AS3911 Datasheet HTML 98Page - ams AG AS3911 Datasheet HTML 99Page - ams AG AS3911 Datasheet HTML 100Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 159 page
background image
Page 96
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Collision Display Register
Figure 79:
Collision Display Register
Note(s):
1. At power-up and after direct commands Set Default and Clear, content of this register is set to 0.
Address 1Ch: Collision Display Register (for ISO14443A and
NFCIP-1bit rate fc/128 Rx)
Type: R
Bit
Name
Default
Function
Comments
7c_byte3
Number of full bytes before the
bit collision happened.
The Collision Display
Register range covers
ISO14443A anticollision
command. In case collision (or
framing error which is
interpreted as collision)
happens in a longer message,
the Collision Display
Register is not set.
6c_byte2
5c_byte1
4c_byte0
3c_bit2
Number of bits before the
collision in the byte where the
collision happened
2c_bit1
1c_bit0
0
c_pb
Collision in parity bit
This is an error, reported in
case it is the first collision
detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com