Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 28 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 28 Page - ams AG

Back Button AS3911 Datasheet HTML 24Page - ams AG AS3911 Datasheet HTML 25Page - ams AG AS3911 Datasheet HTML 26Page - ams AG AS3911 Datasheet HTML 27Page - ams AG AS3911 Datasheet HTML 28Page - ams AG AS3911 Datasheet HTML 29Page - ams AG AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG AS3911 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 159 page
background image
Page 28
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
The reader field activation time needed to perform the phase
or the amplitude measurement is extremely short (~20μs)
comparing to the activation time needed to send a protocol
activation command. Additionally the power level during the
measurement can be lower than the power level during normal
operation since the card does not have to be powered to
produce the coupling effect. The emitted power can be reduced
by increasing the RFO Normal Level Definition Register.
Capacitance Sensor detects a change of the parasite
capacitance between the two excitation electrodes which is
caused by a card antenna and a hand holding it. See Capacitive
Sensor for a detailed information on the capacitive sensor.
The registries on locations from 31h to 3Dh are dedicated to
Wake-up configuration and display. The Wake-Up Timer Control
Register is the main Wake-up mode configuration register. The
timeout period between the successive detections and the
measurements which are going to be used are selected in this
register. Timeouts in the range from 10 ms to 800 ms are
available, 100 ms is the default value. Any combination of
available measurements can be selected (one, two or all of
them).
The following twelve registers (32h to 3Dh) are configuring the
three possible detection measurements and storing the results,
four registers are used for each measurement.
An IRQ is sent when the difference between a measured value
and reference value is larger than configured threshold value.
There are two possibilities how to define the reference value:
• The AS3911 can calculate the reference based on previous
measurements (auto-averaging)
• The controller determines the reference and stores it in a
register
The first register in the series of four is the Measurement
Configuration Register (see for e.g. Amplitude Measurement
Configuration Register). The difference to reference which
triggers the IRQ, the method of reference value definition and
the weight of last measurement result in case of auto-averaging
are defined in this register. The next register is storing the
reference value in case the reference is defined by the
controller. The following two registers are display registers. The
first one stores the auto-averaging reference; the second one
stores the result of the last measurement.
Wake-up mode configuration registers have to be configured
before wake-up mode is actually entered. Any modification of
Wake-up mode configuration while it is active may result in
unpredictable behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com