Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 1 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 1 Page - ams AG

  AS3911 Datasheet HTML 1Page - ams AG AS3911 Datasheet HTML 2Page - ams AG AS3911 Datasheet HTML 3Page - ams AG AS3911 Datasheet HTML 4Page - ams AG AS3911 Datasheet HTML 5Page - ams AG AS3911 Datasheet HTML 6Page - ams AG AS3911 Datasheet HTML 7Page - ams AG AS3911 Datasheet HTML 8Page - ams AG AS3911 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 159 page
background image
ams Datasheet
Page 1
[v2-11] 2016-Jun-13
Document Feedback
AS3911
NFC Initiator / HF Reader IC
The AS3911 is a highly integrated NFC Initiator / HF Reader IC.
It includes the analog front end (AFE) and a highly integrated
data framing system for ISO 18092 (NFCIP-1) initiator, ISO 18092
(NFCIP-1) active target, ISO 14443 A and B reader (including
high bit rates) and FeliCa™ reader. Implementation of other
standard and custom protocols is possible through using the
AFE and implementing framing in the external microcontroller
(Stream and Transparent modes).
Compared with concurrent NFC devices designed with the
mobile phone in mind, the AS3911 is positioned perfectly for
the infrastructure side of the NFC system, where users need
optimal RF performance and flexibility combined with low
power.
With ams unique Automatic Antenna Tuning technology, the
device is optimized for applications with directly driven
antennas. The AS3911 is alone in the domain of HF Reader ICs
in that it contains two differential low impedance (1
Ω) antenna
drivers.
The AS3911 includes several features, which make it
incomparable for low power applications. It contains a low
power capacitive sensor, which can be used to detect the
presence of a card without switching on the reader field.
Additionally, the presence of a card can also be detected by
performing a measurement of amplitude or phase of signal on
antenna LC tank and comparing it to stored reference. It also
contains a low power RC oscillator and wake-up timer, which
can be used to wake the system after a defined time period and
check for the presence of a tag using one or more techniques
of low power detection of card presence (capacitive, phase or
amplitude).
The AS3911 is designed to operate from a wide power supply
range from 2.4V to 5.5V; peripheral interface IO pins support
power supply range from 1.65V to 5.5V.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - AS3911

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911-BQFT AMSCO-AS3911-BQFT Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
logo
List of Unclassifed Man...
AS3911-BQFT-1K ETC2-AS3911-BQFT-1K Datasheet
286Kb / 2P
NFC for Point of Sale
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
More results

Similar Description - AS3911

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
26-Jun-2017
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
21-Nov-2016
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
ST25R3914 STMICROELECTRONICS-ST25R3914_V01 Datasheet
172Kb / 3P
Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
25-Jun-2019
ST25R3912 STMICROELECTRONICS-ST25R3912 Datasheet
2Mb / 130P
High performance HF reader / NFC initiator for payment applications with 1 W output power
26-Apr-2022
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
ELATEC GmbH
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
T4BT-FB2BEL6 ELATEC-T4BT-FB2BEL6 Datasheet
227Kb / 4P
TWN4 MultiTech 2 LF HF Multi-frequency RFID reader (LF/HF) with NFC support
11/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com