Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 63 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 63 Page - ams AG

Back Button AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG AS3911 Datasheet HTML 61Page - ams AG AS3911 Datasheet HTML 62Page - ams AG AS3911 Datasheet HTML 63Page - ams AG AS3911 Datasheet HTML 64Page - ams AG AS3911 Datasheet HTML 65Page - ams AG AS3911 Datasheet HTML 66Page - ams AG AS3911 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 159 page
background image
ams Datasheet
Page 63
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
and read through the SPI (RW). The display registers are read
only (RO); they contain information about the AS3911 internal
state.
Registries are set to their default state at power-up and after
sending direct command Set Default. The only exceptions are
the IO Configuration Register 1 and the IO Configuration
Register 2 which are only set to default state at power-up.
Configuration bits of these two registries are related to
hardware configuration which is in most cases not going to
change during the operation.
Figure 42:
Register Description
Address [hex]
Content
Comment
Type
IO Configuration Registers
00
IO Configuration Register 1
Set to default state only at
power-up
RW
01
IO Configuration Register 2
RW
Operation Control and Mode Definition Registers
02
Operation Control Register
Set to default state only at
power-up
RW
03
Mode Definition Register
04
Bit Rate Definition Register
RW
Configuration Registers
05
ISO14443A and NFC 106kbit/s Settings
Register
RW
06
ISO14443B Settings Register 1
RW
07
ISO14443B and FeliCa Settings Register
RW
08
Stream Mode Definition Register
RW
09
Auxiliary Definition Register
RW
0A
Receiver Configuration Register 1
RW
0B
Receiver Configuration Register 2
RW
0C
Receiver Configuration Register 3
RW
0D
Receiver Configuration Register 4
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com