Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 6 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 6 Page - ams AG

Back Button AS3911 Datasheet HTML 2Page - ams AG AS3911 Datasheet HTML 3Page - ams AG AS3911 Datasheet HTML 4Page - ams AG AS3911 Datasheet HTML 5Page - ams AG AS3911 Datasheet HTML 6Page - ams AG AS3911 Datasheet HTML 7Page - ams AG AS3911 Datasheet HTML 8Page - ams AG AS3911 Datasheet HTML 9Page - ams AG AS3911 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
Page 6
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
DC supply voltage
-0.5
6.0
V
VDD_IO
DC_IO supply
voltage
-0.5
6.0
V
VINTRIM
Input pin voltage
TRIM pins
-0.5
25.0
V
VIN
Input pin voltage for
peripheral
communication pins
-0.5
6.5
V
VINA
Input pin voltage for
analog pins
-0.5
6.0
V
Iscr
Input current
(latch-up immunity)
-100
100
mA
JEDEC 78
Ioutmax
Drive capability of
output driver
0600
mA
Electrostatic Discharge
ESD
Electrostatic
discharge
±2
kV
MIL 883 E method 3015
(Human Body Model)
±500
V
Valid for Trimx.x pins (pins 13 - 20)
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com